Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9320B Datasheet(PDF) 10 Page - Keysight Technologies

Part # N9320B
Description  RF Spectrum Analyzer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9320B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N9320B Datasheet HTML 3Page - Keysight Technologies N9320B Datasheet HTML 4Page - Keysight Technologies N9320B Datasheet HTML 5Page - Keysight Technologies N9320B Datasheet HTML 6Page - Keysight Technologies N9320B Datasheet HTML 7Page - Keysight Technologies N9320B Datasheet HTML 8Page - Keysight Technologies N9320B Datasheet HTML 9Page - Keysight Technologies N9320B Datasheet HTML 10Page - Keysight Technologies N9320B Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 | Keysight | N9320B RF Spectrum Analyzer - Data Sheet
General
Supplemental Information
Temperature range
Operating
+5 to +45 °C
Storage
—20 to +70 °C
EMC
– Complies with European EMC Directive 2004/108/EC
– IEC/EN 61326-1 or IEC/EN 61326-2-1
– CISPR Pub 11 group 1, class A
– AS/NZS CISPR 11:2004
– ICES/NMB-001:2004
This ISM device complies with Canadian ICES-001
Safety
– Complies with European Low Voltage Directive 2006/95/EC
– IEC/EN 61010-1 2nd Edition
– Canada: CSA C22.2 No. 61010-1-04
– USA: UL 61010-1 2nd Edition
Audio noise
Acoustic noise emission
LpA < 70 dB
Operator position
Normal position
Per ISO 7779
Environmental stress
Samples of this product have been type tested in accordance with the Keysight Technologies, Inc. Environmental Test Maunal and verified to be robust
against the environmental stresses of storage, transportation, and end-use; those stresses include, but are not limited to, temperature, humidity, shock,
vibration, altitude, and power line conditions. Test methods are aligned with IEC 60068-2 and levels are similar to MILPRF-28800F Class 3
Power requirements
Voltage and frequency (nominal)
100 to 240 VAC, 50 to 60 Hz
Auto ranging
Power consumption
< 65 W
Display
Resolution
640 x 480
Size
165.1 mm (6.5 in) diagonal (nominal)
Data storage
Internal
16 MB nominal
External
Supports USB 2.0 compatible memory devices
Weight (without options)
Net
8.4 kg (18 lbs) nominal
Shipping
14.5 kg (32 lbs) nominal
Dimensions
Height
132.5 mm (5.2 in)
3U rack height
Width
320 mm (12.6 in)
Length
400 mm (15.7 in)
Warranty
The N9320B spectrum analyzer is supplied with a three-year warranty
Calibration cycle
The recommended calibration cycle is one year. Calibration services are available through Keysight Service Centers
– Keysight N9320B RF Spectrum Analyzer, Brochure, literature number 5990-8118EN
– Keysight N9320B RF Spectrum Analyzer, Configuration Guide, literature number 5990-8120EN
Related Literature


Similar Part No. - N9320B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320BRF KEYSIGHT-N9320BRF Datasheet
639Kb / 11P
   RF Spectrum Analyzer
More results

Similar Description - N9320B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320BRF KEYSIGHT-N9320BRF Datasheet
639Kb / 11P
   RF Spectrum Analyzer
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Keysight Technologies
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
   3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
   3.25GHz SPECTRUM ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com