Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD12P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD12P
Description  3.3V RS 485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD12P Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD12P Datasheet HTML 6Page - Texas Instruments SN65HVD12P Datasheet HTML 7Page - Texas Instruments SN65HVD12P Datasheet HTML 8Page - Texas Instruments SN65HVD12P Datasheet HTML 9Page - Texas Instruments SN65HVD12P Datasheet HTML 10Page - Texas Instruments SN65HVD12P Datasheet HTML 11Page - Texas Instruments SN65HVD12P Datasheet HTML 12Page - Texas Instruments SN65HVD12P Datasheet HTML 13Page - Texas Instruments SN65HVD12P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN65HVD10,SN65HVD10Q,SN75HVD10
SN65HVD11,SN65HVD11Q,SN75HVD11
SN65HVD12,SN75HVD12
SLLS505F − FEBRUARY 2002 − REVISED NOVEMBER 2003
www.ti.com
10
Input
Generator
50
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
R
A
B
3 V
1.5 V
tPZH(2)
1.5 V
3 V
0 V
VOH
GND
VI
VO
0 V or 1.5 V
1.5 V or 0 V
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
VI
1 k
Ω ± 1%
A
B
S1
A at 1.5 V
B at 0 V
S1 to B
tPZL(2)
1.5 V
3 V
VOL
VO
A at 0 V
B at 1.5 V
S1 to A
Figure 10. Receiver Enable Time From Standby (Driver Disabled)
Pulse Generator,
15
µs Duration,
1% Duty Cycle
tr, tf ≤ 100 ns
100
± 1%
_
+
A
B
R
D
DE
RE
0 V or 3 V
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
3 V or 0 V
Figure 11. Test Circuit, Transient Over Voltage Test


Similar Part No. - SN65HVD12P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD12P TI-SN65HVD12P Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD12P TI-SN65HVD12P Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD12PE4 TI-SN65HVD12PE4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD12P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com