Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD11D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD11D
Description  3.3V RS 485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD11D Datasheet(HTML) 3 Page - Texas Instruments

  SN75HVD11D Datasheet HTML 1Page - Texas Instruments SN75HVD11D Datasheet HTML 2Page - Texas Instruments SN75HVD11D Datasheet HTML 3Page - Texas Instruments SN75HVD11D Datasheet HTML 4Page - Texas Instruments SN75HVD11D Datasheet HTML 5Page - Texas Instruments SN75HVD11D Datasheet HTML 6Page - Texas Instruments SN75HVD11D Datasheet HTML 7Page - Texas Instruments SN75HVD11D Datasheet HTML 8Page - Texas Instruments SN75HVD11D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN65HVD10,SN65HVD10Q,SN75HVD10
SN65HVD11,SN65HVD11Q,SN75HVD11
SN65HVD12,SN75HVD12
SLLS505F − FEBRUARY 2002 − REVISED NOVEMBER 2003
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.6
V
Voltage at any bus terminal (separately or common mode) VI or VIC
−7(1)
12
V
High-level input voltage, VIH
D, DE, RE
2
VCC
V
Low-level input voltage, VIL
D, DE, RE
0
0.8
V
Differential input voltage, VID (see Figure 7)
−12
12
V
High-level output current, IOH
Driver
−60
mA
High-level output current, IOH
Receiver
−8
mA
Low-level output current, IOL
Driver
60
mA
Low-level output current, IOL
Receiver
8
mA
Differential load resistance, RL
54
60
Differential load capacitance, CL
50
pF
HVD10
25
Signaling rate
HVD11
10
Mbps
Signaling rate
HVD12
1
Mbps
Junction temperature, TJ(2)
145
°C
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2) See thermal characteristics table for information regarding this specification.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
V
(2)
IO = 0
2
VCC
|VOD|
Differential output voltage(2)
RL = 54 Ω, See Figure 1
1.5
V
|VOD|
Differential output voltage(2)
Vtest = −7 V to 12 V, See Figure 2
1.5
V
∆|VOD|
Change in magnitude of differential output
voltage
See Figure 1 and Figure 2
−0.2
0.2
V
VOC(PP)
Peak-to-peak common-mode output voltage
400
mV
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
1.4
2.5
V
∆VOC(SS)
Change in steady-state common-mode output
voltage
See Figure 3
−0.05
0.05
V
IOZ
High-impedance output current
See receiver input currents
II
Input current
D
−100
0
µA
II
Input current
DE
0
100
µA
IOS
Short-circuit output current
−7 V
≤ VO ≤ 12 V
−250
250
mA
C(OD)
Differential output capacitance
VOD = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
RE at VCC,
D & DE at
VCC, No load
Receiver disabled and
driver enabled
9
15.5
mA
ICC
Supply current
RE at VCC,
D at VCC,
DE at 0 V,
No load
Receiver disabled and
driver disabled (standby)
1
5
µA
RE at 0 V,
D & DE at
VCC, No load
Receiver enabled and
driver enabled
9
15.5
mA
(1) All typical values are at 25°C and with a 3.3-V supply.
(2) For TA > 85°C, VCC is ±5%.


Similar Part No. - SN75HVD11D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD11D TI-SN75HVD11D Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11D TI-SN75HVD11D Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DG4 TI-SN75HVD11DG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DRG4 TI-SN75HVD11DRG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD11D

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com