Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1695-20C Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1695-20C
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695-20C Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1695-20C Datasheet HTML 7Page - Diodes Incorporated AP1695-20C Datasheet HTML 8Page - Diodes Incorporated AP1695-20C Datasheet HTML 9Page - Diodes Incorporated AP1695-20C Datasheet HTML 10Page - Diodes Incorporated AP1695-20C Datasheet HTML 11Page - Diodes Incorporated AP1695-20C Datasheet HTML 12Page - Diodes Incorporated AP1695-20C Datasheet HTML 13Page - Diodes Incorporated AP1695-20C Datasheet HTML 14Page - Diodes Incorporated AP1695-20C Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP1695-20C
Document number: DS37538 Rev. 1 - 2
11 of 15
www.diodes.com
March 2015
© Diodes Incorporated
AP1695-20C
Application Information Based on Buck Structure (Cont.)
Fault Protection
Over Voltage Protection and Output Open Protection
VCC
FB
RFB1
RFB2
AP1695-20C
Figure 4. OVP Circuit
The output voltage is sensed by the auxiliary winding voltage of the Buck transformer, the VCC pin and FB pin provide over voltage protection
function. When the output is open or large transient happens, the output voltage will exceed the rated value. When the voltage of Vcc cap exceeds
VCC_OVP or VFB_CV, the over voltage is triggered and the IC will discharge VCC. When the VCC is below the UVLO threshold voltage, IC will start a
new work cycle and the Vcc cap is charged again by start resistance. If the over voltage condition still exists, the system will work in hiccup mode.
Attention: If the external fast startup circuit is adding in the application and the over voltage protection and output open protection happen, the IC
will trigger latch.
Output Short Protection
When the output is shorted, the output voltage will be clamped at 0. At this condition, VCC will drop down without auxiliary winding for power supply.
And the VCC will drop to UVLO threshold voltage, the IC will shut down and restart a new operating cycle, and the VCC is charged by startup
resistance. When VCC is higher than Vcc_start voltage, IC will output a bunch of pulse to control power switch on and off. When still no FB signal
detected the device will not output more pulse. So the VCC will drop to VCC UVLO threshold again. If output short condition still exists, the system
will operate in hiccup mode.
Attention: If the external fast startup circuit is adding in the application, the device will not work at UVLO mode, and the device will work at
minimum toff mode.
Over Temperature Protection
AP1695-20C has two kinds of over temperature protection processes. First, the system is operating normally, the ambient temperature is changed
to +170°C suddenly, the IC will trigger over temperature protection which leads to a latch work mode. Second, if the system starts when the
ambient temperature is higher than +150°C, over temperature protection will be triggered. So the AP1695-20C can startup successfully when the
ambient temperature is less than +150°C.
Recommended Applications
The AP1695-20C is a device which internally integrates a MOSFET, the output current is limited by the internal integrated MOSFET, using this
device can cover up to 10W’s application meanwhile the output current is less than 200mA in buck structure.
Components Selection Guide
If the system’s spec is changed, please refer to the design sheet of the AP1695-20C and select the compatible system parameter. When the
system needs to be adjusted slightly, please refer to the table below and adjust the value of the related component.
Item
Description
Related Components
IO
Output current
R8
Output Current Ripple
Small current ripple is good for LED life
C4
ton_initial
System initial on time, used to startup the system
R1
Output Open Voltage
Setting the output voltage when the LED is open
R5, R6
Dimming Performance
Improve the dimming performance
R1, RF, R9, C2, C4
EMI
Pass EN 55022 class B with 6DB margin
L1, C1
Line Compensation
To get a good line regulation
R7


Similar Part No. - AP1695-20C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
AP1695MTR-G1 DIODES-AP1695MTR-G1 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
More results

Similar Description - AP1695-20C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com