Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD12D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD12D
Description  3.3V RS 485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD12D Datasheet(HTML) 1 Page - Texas Instruments

  SN75HVD12D Datasheet HTML 1Page - Texas Instruments SN75HVD12D Datasheet HTML 2Page - Texas Instruments SN75HVD12D Datasheet HTML 3Page - Texas Instruments SN75HVD12D Datasheet HTML 4Page - Texas Instruments SN75HVD12D Datasheet HTML 5Page - Texas Instruments SN75HVD12D Datasheet HTML 6Page - Texas Instruments SN75HVD12D Datasheet HTML 7Page - Texas Instruments SN75HVD12D Datasheet HTML 8Page - Texas Instruments SN75HVD12D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN65HVD10,SN65HVD10Q,SN75HVD10
SN65HVD11,SN65HVD11Q,SN75HVD11
SN65HVD12,SN75HVD12
SLLS505F − FEBRUARY 2002 − REVISED NOVEMBER 2003
3.3V RS485 TRANSCEIVERS
FEATURES
D Operates With a 3.3-V Supply
D Bus-Pin ESD Protection Exceeds 16 kV HBM
D 1/8 Unit-Load Option Available (Up to 256
Nodes on the Bus)
D Optional Driver Output Transition Times for
Signaling Ratesof 1 Mbps, 10 Mbps and
25 Mbps
D Meets or Exceeds the Requirements of ANSI
TIA/EIA-485-A
D Bus-Pin Short Circuit Protection From –7 V to
12 V
D Low-Current Standby Mode ... 1 µA Typical
D Open-Circuit, Idle-Bus, and Shorted-Bus
Failsafe Receiver
D Thermal Shutdown Protection
D Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
D SN75176 Footprint
APPLICATIONS
D Digital Motor Control
D Utility Meters
D Chassis-to-Chassis Interconnects
D Electronic Security Stations
D Industrial Process Control
D Building Automation
D Point-of-Sale (POS) Terminals and Networks
DESCRIPTION
The
SN65HVD10,
SN75HVD10,
SN65HVD11,
SN75HVD11, SN65HVD12, and SN75HVD12 combine a
3-state differential line driver and differential input line
receiver that operate with a single 3.3-V power supply.
They are designed for balanced transmission lines and
meet or exceed ANSI standard TIA/EIA-485-A and ISO
8482:1993. These differential bus transceivers are
monolithic integrated circuits designed for bidirectional
data communication on multipoint bus-transmission lines.
The drivers and receivers have active-high and active-low
enables respectively, that can be externally connected
together to function as direction control. Very low device
standby supply current can be achieved by disabling the
driver and the receiver.
The driver differential outputs and receiver differential
inputs connect internally to form a differential input/ output
(I/O) bus port that is designed to offer minimum loading to
the bus whenever the driver is disabled or VCC = 0. These
parts feature wide positive and negative common-mode
voltage ranges, making them suitable for party-line
applications.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)
LOGIC DIAGRAM
(POSITIVE LOGIC)
1
2
3
4
6
7
A
B
R
RE
DE
D
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2003, Texas Instruments Incorporated
†The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).


Similar Part No. - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD12D TI-SN75HVD12D Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12D TI-SN75HVD12D Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DG4 TI-SN75HVD12DG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com