Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8610AADG Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP8610AADG
Description  asynchronous ECL divide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8610AADG Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP8610AADG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8610AADG Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3
SP8610/11
Fig. 4 Typical input impedance. Test conditions: supply voltage = 25·2V, ambient temperature = 25
°C, frequencies in MHz,
Impedances normalised to 50
Fig. 5 Toggle frequency test circuit
Fig. 6 Circuit for using the input signal about ground potential
DUT
50
50
1n
1n
50
Ω LINE
TO SCOPE
VEE = 25·2V60·25V
14
11
10
7
6
4
10n
1n
10n
33
20
MONITOR
50
SIGNAL
SOURCE
33
2
5dB
ATTENUATOR
NETWORK
430
430
VCC = 0V
DUT
50
50
1n
1n
OUTPUT
VEE = 22·2V
14
11
10
7
6
4
10n
50
50
SIGNAL
SOURCE
430
430
1
3V
10n
OUTPUT
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
900
600
800
700
500
1000
1100
1200
1300 1400
1500


Similar Part No. - SP8610AADG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8610 SIPEX-SP8610 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP8610AADG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8665B ETC1-SP8665B Datasheet
100Kb / 4P
   The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
logo
NXP Semiconductors
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
   Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
List of Unclassifed Man...
HS-820 ETC-HS-820 Datasheet
257Kb / 2P
   ECL-100K ECL Supplement
logo
Nel Frequency Controls,...
SJ-2810 NEL-SJ-2810 Datasheet
263Kb / 2P
   ECL
HS-800 NEL-HS-800 Datasheet
260Kb / 2P
   ECL
logo
List of Unclassifed Man...
CA3232 ETC1-CA3232 Datasheet
130Kb / 2P
   DIVIDE 20 PRESCALER
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
   MULTIPLY/DIVIDE MICROCONTROLLER
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
   DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
   28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com