Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ3139KW Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ3139KW
Description  SOT-323 Plastic-Encapsulate MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ3139KW Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ3139KW Datasheet HTML 1Page - ZP Semiconductor CJ3139KW Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-323 Plastic-Encapsulate MOSFETS
CJ3139KW
P-Channel Power MOSFET
GENERRAL DESCRIPTION
This Single P-Channel MOSFET has been designed using advanced
Power Trench process to optimize the RDS(ON).
FEATURE
High-Side Switching
Low On-Resistance
Low Threshold
Fast Switching Speed
APPLICATION
Drivers:Relays, Solenoids, Lamps, Hammers, Displays, Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
MARKING: 39K
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source voltage
VDSS
-20
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-0.66
Drain Current -Pulsed(note1)
IDM
-2.64
A
Power Dissipation (note 2)
PD
200
mW
Thermal Resistance from Junction to Ambient
RθJA
625
℃/W
Storage Temperature
Tj
150
Junction Temperature
Tstg
-55 ~+150
SOT-323
1. GATE
2. SOURCE
3. DRAIN
1 of 2
A,Dec,2010
sales@zpsemi.com
www.zpsemi.com
CJ3139KW


Similar Part No. - CJ3139KW

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
More results

Similar Description - CJ3139KW

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2102 ZPSEMI-CJ2102 Datasheet
638Kb / 2P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
WILLAS ELECTRONIC CORP
2SK3018WT1 WILLAS-2SK3018WT1 Datasheet
427Kb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK2301AW SKTECHNOLGY-SK2301AW Datasheet
749Kb / 4P
   SOT-323 Plastic-Encapsulate MOSFETS
SK2302AW SKTECHNOLGY-SK2302AW Datasheet
572Kb / 4P
   SOT-323 Plastic-Encapsulate MOSFETS
SK2302AAW SKTECHNOLGY-SK2302AAW Datasheet
669Kb / 4P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
BSS123W DGNJDZ-BSS123W Datasheet
2Mb / 5P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJW1012 ZPSEMI-CJW1012 Datasheet
686Kb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
CJ3134KW ZPSEMI-CJ3134KW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
CJ2101 ZPSEMI-CJ2101 Datasheet
984Kb / 3P
   SOT-323 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK2301AAW SKTECHNOLGY-SK2301AAW Datasheet
734Kb / 4P
   SOT-323 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com