Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417965 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1417965
Description  Sensor/Actuator cable - SAC-4P- 20,0-542/ FR SCO BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417965 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1417965 Datasheet HTML 1Page - PHOENIX CONTACT 1417965 Datasheet HTML 2Page - PHOENIX CONTACT 1417965 Datasheet HTML 3Page - PHOENIX CONTACT 1417965 Datasheet HTML 4Page - PHOENIX CONTACT 1417965 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1417965
08/16/2016   Page 2 / 5
Sensor/Actuator cable - SAC-4P- 20,0-542/ FR SCO BK - 1417965
Technical data
General
Overvoltage category
II
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
NBR
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Flammability rating according to UL 94
HB
Cable
Cable type
PVC yellow 105 °C
Cable type (abbreviation)
542
UL AWM style
2517 (105°C/300 V)
AWG signal line
22
Core diameter including insulation
1.27 mm ±0.03 mm
Wire colors
brown, blue, black, white
Overall twist
4 wires, twisted
External sheath, color
yellow
External cable diameter D
5 mm ±0.2 mm
Minimum bending radius, flexible installation
8 x D
Cable weight
36 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Tin-plated Cu litz wires
Insulation resistance
≥ (550 M Ohms/m @ 500V)
Conductor resistance
max. 50.5 Ω/km (20° C)
Nominal voltage, cable
300 V
Special properties
UL standards PLTC and ITC
Other resistance
UV resistant


Similar Part No. - 1417965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417961 PHOENIX-1417961 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 15,0-542/ FS SH SCO BK
1417962 PHOENIX-1417962 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SH SCO BK
1417963 PHOENIX-1417963 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P- 15,0-542/ FR SCO BK
1417966 PHOENIX-1417966 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P-15,0-542/ FS SCO BK
1417967 PHOENIX-1417967 Datasheet
429Kb / 12P
   SAC-4P-20,0-542/M12FS BK - Sensor/actuator cable
More results

Similar Description - 1417965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417928 PHOENIX-1417928 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-3P-20,0-542/ FR SCO BK
1417959 PHOENIX-1417959 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FR SH SCO BK
1417963 PHOENIX-1417963 Datasheet
103Kb / 5P
   Sensor/Actuator cable - SAC-4P- 15,0-542/ FR SCO BK
1417894 PHOENIX-1417894 Datasheet
107Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/20,0-542/ FS SCO BK
1417900 PHOENIX-1417900 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/20,0-542/FSSH SCO BK
1406222 PHOENIX-1406222 Datasheet
160Kb / 12P
   Sensor/actuator cable - SAC-4P-MS/ 1,5-542/ FR SCO BK
09/11/2020
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1417975 PHOENIX-1417975 Datasheet
100Kb / 5P
   Sensor/Actuator cable - SAC-5P- 20,0-542/ FS SCO BK
1417927 PHOENIX-1417927 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-3P-15,0-542/ FR SCO BK
1417905 PHOENIX-1417905 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-5P-MS/20,0-542/ FS SCO BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com