Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIFA101-SERIES Datasheet(PDF) 2 Page - Vitec Power

Part # SIFA101-SERIES
Description  100W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA101-SERIES Datasheet(HTML) 2 Page - Vitec Power

  SIFA101-SERIES Datasheet HTML 1Page - Vitec Power SIFA101-SERIES Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
SIFA101-SXX-13pin
OUT OUT OUT OUT OUT OUT RTN
RTN
RTN RTN
RTN
RTN
N/C
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 345gs approx.
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3131 and Molex 2478 series crimp terminal


Similar Part No. - SIFA101-SERIES

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA101-S01 Vitec-SIFA101-S01 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA101-S02 Vitec-SIFA101-S02 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA101-S03 Vitec-SIFA101-S03 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA101-S04 Vitec-SIFA101-S04 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA101-S05 Vitec-SIFA101-S05 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA101-SERIES

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA100-SERIES Vitec-SIFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA100 Vitec-SIFA100 Datasheet
436Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
SIFA101 Vitec-SIFA101 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for Industrial Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA101-SERIES Vitec-STFA101-SERIES Datasheet
438Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA101 Vitec-STFA101 Datasheet
438Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA100 Vitec-STFA100 Datasheet
447Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com