Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48L018F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA48L018F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48L018F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA48L018F Datasheet HTML 1Page - Toshiba Semiconductor TA48L018F Datasheet HTML 2Page - Toshiba Semiconductor TA48L018F Datasheet HTML 3Page - Toshiba Semiconductor TA48L018F Datasheet HTML 4Page - Toshiba Semiconductor TA48L018F Datasheet HTML 5Page - Toshiba Semiconductor TA48L018F Datasheet HTML 6Page - Toshiba Semiconductor TA48L018F Datasheet HTML 7Page - Toshiba Semiconductor TA48L018F Datasheet HTML 8Page - Toshiba Semiconductor TA48L018F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA48L018,02,025,03,033,05F
2004-07-01
5
TA48L033F
Electrical Characteristics
(CIN = 0.33 µF, COUT = 3.3 µF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.3 V, IOUT = 40 mA
3.2
3.3
3.4
Output voltage
VOUT
4.3 V <
= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <
= Tj <= 125°C
3.135
3.3
3.465
V
Line regulation
Reg · line
4.3 V <
= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load
VIN = 5.3 V, 5 mA <
= IOUT <= 150 mA
18
40
mV
4.3 V <
= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
4.3 V <
= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 3.0 V, IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 3.0 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 40 mA,
10 Hz <
= f <= 100 kHz
85
µVrms
Ripple rejection
R.R.
4.3 V <
= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
50
68
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C <
= Tj <= 125°C
0.55
mV/°C
TA48L05F
Electrical Characteristics
(CIN = 0.33 µF, COUT = 3.3 µF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 7.0 V, IOUT = 40 mA
4.85
5.0
5.15
Output voltage
VOUT
6.0 V <
= VIN <= 12 V, 5 mA <= IOUT <= 100
mA, 0°C <
= Tj <= 125°C
4.75
5.0
5.25
V
Line regulation
Reg · line
6.0 V <
= VIN <= 12 V, IOUT = 40 mA
2
20
mV
Load regulation
Reg · load
VIN = 7.0 V, 5 mA <= IOUT <= 150 mA
18
45
mV
6.0 V <
= VIN <= 12 V, IOUT = 0 A
0.4
0.8
Quiescent current
IB
6.0 V <
= VIN <= 12 V, IOUT = 100 mA
1
5
mA
VIN = 4.5V,IOUT = 0 A
0.5
1.5
Starting quiescent current
IBstart
VIN = 4.5 V, IOUT = 100 mA
7
20
mA
Output noise voltage
VNO
VIN = 7.0V, IOUT = 40 mA,
10 Hz <
= f <= 100 kHz
135
µVrms
Ripple rejection
R.R.
6.0 V <
= VIN <= 12 V, IOUT = 40 mA,
f
= 120 Hz
50
64
dB
IOUT = 40 mA
0.16
0.35
Dropout voltage
VD
IOUT = 100 mA
0.27
0.5
V
Average temperature coefficient of
output voltage
TCVO
VIN = 7.0 V, IOUT = 5 mA,
0°C <
= Tj <= 125°C
0.85
mV/°C


Similar Part No. - TA48L018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
226Kb / 10P
   Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48L018F TOSHIBA-TA48L018F_06 Datasheet
226Kb / 10P
   Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
More results

Similar Description - TA48L018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
   Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com