Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO03C-005W05-VJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LDO03C-005W05-VJ
Description  POWER 15 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C-005W05-VJ Datasheet(HTML) 2 Page - Artesyn Technologies

  LDO03C-005W05-VJ Datasheet HTML 1Page - Artesyn Technologies LDO03C-005W05-VJ Datasheet HTML 2Page - Artesyn Technologies LDO03C-005W05-VJ Datasheet HTML 3Page - Artesyn Technologies LDO03C-005W05-VJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO03C Series Data Sheet
LDO
03
C
00
5W
05
V
X
J
Environmental Specifications
Thermal performance:
Operating ambient
-40 °C to +85 °C
See Note 5
Non-operating ambient
-40 °C to +125 °C
Protection
Short-circuit:
Hiccup, non-latching
Overvoltage protection:
IEC68-2-6 to the levels of IEC721-3-2
Hiccup, non-latching
Recommended System Capacitance
Input:
See Note 6
0 μF
Output:
See Note 7
0 μF
Output Voltage Adjustment of the
LDO03C Series
The ultra-wide output voltage trim range offers major advantages to users
who select the LDO03C series. It is no longer necessary to purchase a
variety of modules in order to cover different output voltages. The output
voltage can be trimmed in a range of 0.59 - 5.1 Vdc. When the LDO03C
converter leaves the factory, the output has been adjusted to the default
voltage of 0.59 V.
Ordering Information
Model
Number (3,5)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
LDO03C-005W05-VJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-HJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-SJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
Notes:
1. Measured as per recommended system capacitance. See Technical Reference Note.
2. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo to full lo and full lo to 0.50.
3. External input fusing is recommended.
4. Additional part numbers may be available with different output voltages.
5. Airflow dependent, 100 LFM minimum required.
6. No capacitors needed for ripple current stability.
7. No capacitors needed for stability.
8. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please
consult your local sales representative for details.
9. NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded
Technologies representative or use the on-line model number search tool at
http://www.Artesyn.com/power to find a suitable alternative.
Product Family
Product Family
LDO = LDO Series
Rated Output
Current
Rated Output
Current
03 = 3 Amp
Output Voltage
Output Voltage
05 = 0.59 - 5.1 V
Performance
Performance
C = Cost
Optimized
Number of Pins
Type of Output
Type of Output
5 W = 5 Pins and
Wide Output
Input Voltage
Input Voltage
00 = 3 - 13.8 V
RoHS Compliance
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Mounting Option
Mounting Option
V = Vertical
H = Horizontal
S = Horizontal SMT
VS = Vertical SMT
Custom Option
Custom Option
Part Number System with Options


Similar Part No. - LDO03C-005W05-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ Datasheet
833Kb / 21P
   Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C-005W05-VJ EMERSON-NETWORKPOWER-LDO03C-005W05-VJ Datasheet
120Kb / 4P
   LDO03C Series
More results

Similar Description - LDO03C-005W05-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
logo
Power Mate Technology C...
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
logo
Power Mate Technology C...
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
   15 Watts Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com