Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8276H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA8276H
Description  Max Power 35 W BTL 횞 4 ch Audio Power IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8276H Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA8276H Datasheet HTML 2Page - Toshiba Semiconductor TA8276H Datasheet HTML 3Page - Toshiba Semiconductor TA8276H Datasheet HTML 4Page - Toshiba Semiconductor TA8276H Datasheet HTML 5Page - Toshiba Semiconductor TA8276H Datasheet HTML 6Page - Toshiba Semiconductor TA8276H Datasheet HTML 7Page - Toshiba Semiconductor TA8276H Datasheet HTML 8Page - Toshiba Semiconductor TA8276H Datasheet HTML 9Page - Toshiba Semiconductor TA8276H Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA8276H
2002-02-13
6
5.3
Prevention of speaker burning accident (In Case of Rare Short Circuit of Speaker)
When the direct current resistance between OUT + and OUT - terminal becomes 1 W or less and output
current over 4 A flows, this IC makes a protection circuit operate and suppresses the current into a speaker.
This system makes the burning accident of the speaker prevent as below mechanism.
<The guess mechanism of a burning accident of the speaker>
Abnormal output offset voltage (voltage between OUT + and OUT -) over 4 V is made by the external
circuit failure.(Note 1)
¯
The speaker impedance becomes 1 W or less as it is in a rare short circuit condition.
¯
The current more than 4 A flows into the speaker and the speaker is burned.
Note 1: It is appeared by biased input DC voltage
(for example, large leakage of the input capacitor, short-circuit between copper patterns of PCB.)
5.4
Applications
When output terminals short-circuit to VCC or GND, the voltage of 25pin is fixed to “L”.
And when shorting OUT + to OUT -, “L” and “H” are switched according to an input signal.
Therefore, it is possible to judge how the power IC condition is if a micro-controller detects the
25pin voltage that is smoothed out with LPF.
It is recommend that the threshold voltage (Vth) is set up as higher as possible because output level
of LPF is changed according to an input signal.
(for example, Vth is set up to 4 V if 25pin is pulled up to 5 V line.)
Current into a speaker
Speaker impedance
Less than 4
W
Figure 9
About 1
W
4
W
Operating point of protector
Output voltage of L.P.F.
Output power
5 V
Figure 10
Operating point of protector


Similar Part No. - TA8276H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
More results

Similar Description - TA8276H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8266HQ TOSHIBA-TA8266HQ Datasheet
320Kb / 16P
   Max Power 35 W BTL × 4 ch Audio Power IC
2006-04-28
TA8266H TOSHIBA-TA8266H Datasheet
245Kb / 14P
   Max Power 35 W BTL 짰4 ch Audio Power IC
TA8275HQ TOSHIBA-TA8275HQ Datasheet
326Kb / 16P
   Max Power 41 W BTL × 4 ch Audio Power IC
2006-04-28
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com