Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE10A18-L Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AEE10A18-L
Description  POWER 50 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AEE10A18-L Datasheet(HTML) 2 Page - Artesyn Technologies

  AEE10A18-L Datasheet HTML 1Page - Artesyn Technologies AEE10A18-L Datasheet HTML 2Page - Artesyn Technologies AEE10A18-L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AEE Series Data Sheet
Mechanical Drawings
10.16
25.4 [1.00]
[0.40]
10.16
[0.40]
2.54
[0.10]
10.16
[0.40]
5.08
[0.20]
Bottom View
T
5.5
[0.22]
6
5
4
1
2
3
1.1 [0.04]
Physical Characteristics
Case Size (24 V Output):
50.8 x 25.4 x 11 mm (2.0 x 1.0 x 0.43 inches)
Case Size (Other Output):
50.8 x 25.4 x 10.2 mm (2.0 x 1.0 x 0.40 inches)
Case Material:
Aluminium Alloy, Black Anodized Coating
Base Material:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight:
30 g
Pin Connectors
Pin No.
Single Output
1
+Vin
2
-Vin
3
Remote On/Off
4
+Vout
5
-Vout
6
Trim
T: 11.0 mm (0.43 inch) for 24 V Output Models
T: 10.2 mm (0.40 inch) for Other Output Models
• All dimensions in mm (inches)
• Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
• Pin diameter Ø 1.0 ±0.05 (0.04±0.002)
Ordering Information
Model Number
Input Voltage
Output 1 Voltage
Maximum Power
AEE10F18-L
9 - 36 V
3.3 V @ 10 A
33 W
AEE10A18-L
9 - 36 V
5 V @ 10 A
50 W
AEE04B18-L
9 - 36 V
12 V @ 4.17 A
50 W
AEE03C18-L
9 - 36 V
15 V @ 3.33 A
50 W
AEE02H18-L
9 - 36 V
24 V @ 2.08 A
50 W
AEE10F36-L
18 - 75 V
3.3 V @ 10 A
33 W
AEE10A36-L
18 - 75 V
5 V @ 10 A
50 W
AEE04B36-L
18 - 75 V
12 V @ 4.17 A
50 W
AEE03C36-L
18 - 75 V
15 V @ 3.33 A
50 W
AEE02H36-L
18 - 75 V
24 V @ 2.08 A
50 W
To order the converter with heatsink, please add a suffix –HS (e.g. AEE10F18-LHS) to order code.


Similar Part No. - AEE10A18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
More results

Similar Description - AEE10A18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO50-48S1V2-4 ARTESYN-AVO50-48S1V2-4 Datasheet
1,003Kb / 3P
   POWER 50 Watts
logo
API Technologies Corp
QBS-563 APITECH-QBS-563 Datasheet
164Kb / 2P
   Power Amplifier - 50 watts
logo
Artesyn Technologies
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
logo
API Technologies Corp
QBS-562 APITECH-QBS-562 Datasheet
164Kb / 2P
   Power Amplifier - 50 watts
QBS-561 APITECH-QBS-561 Datasheet
164Kb / 1P
   Power Amplifier - 50 watts
logo
Artesyn Technologies
AVD50B-48S3V3TL ARTESYN-AVD50B-48S3V3TL Datasheet
630Kb / 3P
   Total Power: 50 Watts
logo
Power Mate Technology C...
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
QEB50-24S3P3 P-DUKE-QEB50-24S3P3 Datasheet
313Kb / 4P
   50 WATTS MAXIMUM OUTPUT POWER
logo
Astec America, Inc
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com