Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE01B36-LS Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AEE01B36-LS
Description  POWER 15 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AEE01B36-LS Datasheet(HTML) 1 Page - Artesyn Technologies

  AEE01B36-LS Datasheet HTML 1Page - Artesyn Technologies AEE01B36-LS Datasheet HTML 2Page - Artesyn Technologies AEE01B36-LS Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AEE Series
15 Watts
Total Power: 15 Watts
Input Voltage: 12 V, 24 V or 48 V
# of Outputs: Single, Dual
Special featureS
ƒ
Encapsulated
ƒ
4:1 input range
ƒ
1” x 2” package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
Safety
ƒ
UL 60950-1
ƒ
CE Mark
Electrical Specifications
Input
Input range:
9 to 36 VDC; 18 to 75 VDC
Efficiency2:
84% @ 12 Vo
Output
Voltage tolerance:
±2.0%
Line regulation:
±0.5%
Load regulation:
Single output: ±1.0%
Dual output: ±TBD%
Noise/ripple:
3.3 Vo: 100 mV
5.0 Vo: 100 mV
12 Vo: 120 mV
15 Vo: 120 mV
Short circuit protection:
Auto-restart
Switching frequency:
300 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation:
1500 VDC min.
Insulation resistance:
10 Mohm
Insulation capacitance:
1000 pF typical
Data Sheet
Environmental Specifications
Operating ambient temperature range:
-40°C to +71°C (no derating)
Storage temperature:
-55 °C to +105 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
>1 Million hours
RoHS Compliant
RoHS-6


Similar Part No. - AEE01B36-LS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE01B36-LS ARTESYN-AEE01B36-LS Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
More results

Similar Description - AEE01B36-LS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
logo
Power Mate Technology C...
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
logo
Power Mate Technology C...
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
   15 Watts Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com