Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4803F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA4803F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4803F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4803F Datasheet HTML 1Page - Toshiba Semiconductor TA4803F Datasheet HTML 2Page - Toshiba Semiconductor TA4803F Datasheet HTML 3Page - Toshiba Semiconductor TA4803F Datasheet HTML 4Page - Toshiba Semiconductor TA4803F Datasheet HTML 5Page - Toshiba Semiconductor TA4803F Datasheet HTML 6Page - Toshiba Semiconductor TA4803F Datasheet HTML 7Page - Toshiba Semiconductor TA4803F Datasheet HTML 8Page - Toshiba Semiconductor TA4803F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA48018,02,025,03,033,05F/S
2004-07-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48018F, TA4802F, TA48025F, TA4803F, TA48033F, TA4805F,
TA48018S, TA4802S, TA48025S, TA4803S, TA48033S, TA4805S
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V
Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
The TA48**F/S series consists of fixed-positive-output,
low-dropout regulators with an output current of 1 A (max) that
utilize V-PNP transistors for the output stage. In response to the
need for low-voltage and low-power dissipation devices which are
used in consumer electronics and industrial appliances, the series
offers devices with low output voltages: 1.8 V, 2 V, 2.5 V, 3 V, 3.3
V, 5 V.
Features
Maximum output current: 1 A
Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
Low standby current: 800 µA (typ.) (@IOUT = 0 A)
Low starting quiescent current
Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 0.5 A)
Protection function: overheat/overcurrent
Package type: PW-MOLD (TA48**F Series)
TO-220NIS (TA48**S Series)
TA48**F Series has a lead bending type package which is a
surface-mountable package and can be used for reflow
soldering.
Pin Assignment
Marking
(1) (2) TA48F** Series
(3) TA48**S Series
Note: The “**” part of each product number varies according to the output voltage of the product.
(1) TA48**F
(2) TA48**F (TE16L1, N)
(3) TA48**S
Weight
HSIP3-P-2.30B : 0.36 g (typ.)
HSOP3-P-2.30D : 0.36 g (typ.)
HSIP3-P-2.54A : 1.7 g (typ.)
TA48**S
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
48**F
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
1
OUT
Marking side
3
2
GND
IN


Similar Part No. - TA4803F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4803F TOSHIBA-TA4803F Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Similar Description - TA4803F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com