Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5182IDCA Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5182IDCA
Description  100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182IDCA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5182IDCA Datasheet HTML 6Page - Texas Instruments TAS5182IDCA Datasheet HTML 7Page - Texas Instruments TAS5182IDCA Datasheet HTML 8Page - Texas Instruments TAS5182IDCA Datasheet HTML 9Page - Texas Instruments TAS5182IDCA Datasheet HTML 10Page - Texas Instruments TAS5182IDCA Datasheet HTML 11Page - Texas Instruments TAS5182IDCA Datasheet HTML 12Page - Texas Instruments TAS5182IDCA Datasheet HTML 13Page - Texas Instruments TAS5182IDCA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TAS5182
SLES045E - JUNE 2002 - REVISED MAY 2004
www.ti.com
10
TAS5182 Power Up and Reset
After power up, all gate drive outputs are held low (i.e., the
error latch is set). Normal operation can be initiated by
toggling RESET_AB and/or RESET_CD from a low state
to a high state. If no errors are present, then the TAS5182
device is ready to accept audio inputs.
TAS5182 Reset and Error Timing
The TAS5182 device provides two output control
configurations for reset and error situations. In a BTL
system configuration, the MOSFET outputs must be
grounded before resuming normal operation. This enables
the bootstrap capacitors to charge.
Reset and Error Timing (BTL System)
When using this device in the BTL configuration, it is
advisable to bring the MOSFET outputs to a high
impedance state when reset (RESET_AB or RESET_CD)
is asserted. Figure 4 shows the timing that occurs in this
configuration. This feature is enabled by connecting the
LOW/HIZ terminal to DVSS.
When an error event occurs (see Table 1) and following
propagation delay tpd(E-SD), the TAS5182 device pulls the
SHUTDOWN signal low. The falling edge of SHUTDOWN
forces the MOSFET outputs into a high-impedance state.
The SHUTDOWN signal is usually connected to the
RESET terminal of the TAS50XX PWM controller. After
some delay, the controller then asserts the TAS5182
RESET_AB and RESET_CD terminals low. The falling
edge of RESET forces the MOSFET outputs to ground
potential (this event also brings the SHUTDOWN signal
high). This allows the bootstrap capacitors to charge
through the grounded MOSFET outputs. When RESET is
pulled high, the system resumes normal operation.
TAS5182
Outputs
Error Event
LOW/HIZ = LOW
MOSFET
Outputs
HI-Z
HI-Z
SHUTDOWN
RESET
Normal Operation
Normal Operation
All Gate Outputs Low
All Gate Outputs Low
Normal Operation
Normal Operation
tpd(E-SD)
tpd(E-L)
tpd(R-LH)
tpd(R-SD)
tpd(R-OP)
Figure 4. Reset and Error Timing (BTL System)
Overcurrent Configuration From Circuit
The output current flows through internal resistance
RDS(on) of the external MOSFETs, which creates voltage
drop VDS. The overcurrent detector senses this voltage to
trigger an error event. The exact current limit depends on
parasitics from the PCB layout, resistance of the MOSFET
at the operation temperature, and the configuration of the
H-bridge output stage.
See Table 2 for the OCL and OCH reference voltages.
Figure 5
shows
the
recommended
overcurrent
configuration circuit.
Table 2. OCL and OCH Reference Voltages
(Overcurrent Configuration Circuit)
VOLTAGE
OUTPUT INDUCTOR SHUTDOWN
CURRENT RANGE(1)
OCL
0.7 V (terminal 27)
12-19 A
OCH
1.17 V (terminal 8)
14-24 A
(1) Measured on Texas Instruments reference board
TAS5182C6REF.


Similar Part No. - TAS5182IDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182IDCA TI-TAS5182IDCA Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182IDCAG4 TI-TAS5182IDCAG4 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182IDCAR TI-TAS5182IDCAR Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182IDCARG4 TI-TAS5182IDCARG4 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
More results

Similar Description - TAS5182IDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_15 Datasheet
399Kb / 19P
[Old version datasheet]   100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com