Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1414659 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1414659
Description  Cable gland - HC-B-GTRS-M40-ER-AL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414659 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1414659 Datasheet HTML 1Page - PHOENIX CONTACT 1414659 Datasheet HTML 2Page - PHOENIX CONTACT 1414659 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1414659
08/11/2016   Page 1 / 3
Cable gland - HC-B-GTRS-M40-ER-AL - 1414659
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Set consisting of: EVO metal adapter 1414259 and screw connection with terminal block 1415195, M40
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
400.0 g
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Wrench size, union nut
46 mm
Wrench size, support
46 mm
External cable diameter
16 mm ... 28 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Type of the screw connection
M40
No. of conductors
1
Cable gland material
Nickel-plated brass
Material, pressure screw
Nickel-plated brass
Shielded
No
Thread type on connection side
Bayonet B plastic


Similar Part No. - 1414659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414650 PHOENIX-1414650 Datasheet
55Kb / 2P
   Cable gland - HC-B-GM8X6,5-M40-ET-AL
1414651 PHOENIX-1414651 Datasheet
59Kb / 3P
   Cable gland - HC-B-GTRS-M20-PLRBK
1414652 PHOENIX-1414652 Datasheet
60Kb / 3P
   Cable gland - HC-B-GTRS-M25-PLRBK
1414654 PHOENIX-1414654 Datasheet
61Kb / 3P
   Cable gland - HC-B-GTRS-M32-PLRBK
1414656 PHOENIX-1414656 Datasheet
56Kb / 3P
   Cable gland - HC-B-GTRS-M20-ER-AL
More results

Similar Description - 1414659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414658 PHOENIX-1414658 Datasheet
56Kb / 3P
   Cable gland - HC-B-GTRS-M32-ER-AL
1414657 PHOENIX-1414657 Datasheet
56Kb / 3P
   Cable gland - HC-B-GTRS-M25-ER-AL
1414656 PHOENIX-1414656 Datasheet
56Kb / 3P
   Cable gland - HC-B-GTRS-M20-ER-AL
1411445 PHOENIX-1411445 Datasheet
56Kb / 3P
   Cable gland - HC-B-G-M40-ER-AL
1414666 PHOENIX-1414666 Datasheet
59Kb / 3P
   Cable gland - HC-B-GB-M40-ER-AL
1414647 PHOENIX-1414647 Datasheet
54Kb / 2P
   Cable gland - HC-B-GM0-M40-ET-AL
1414648 PHOENIX-1414648 Datasheet
55Kb / 2P
   Cable gland - HC-B-GM4X10-M40-ET-AL
1414649 PHOENIX-1414649 Datasheet
55Kb / 2P
   Cable gland - HC-B-GM5X8,5-M40-ET-AL
1414650 PHOENIX-1414650 Datasheet
55Kb / 2P
   Cable gland - HC-B-GM8X6,5-M40-ET-AL
1411443 PHOENIX-1411443 Datasheet
69Kb / 3P
   Cable gland - HC-B-G-M25-ER-AL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com