Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418083 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1418083
Description  Network cable - NBC-MS/ 20,0-94B/MS SCO US
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1418083 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1418083 Datasheet HTML 1Page - PHOENIX CONTACT 1418083 Datasheet HTML 2Page - PHOENIX CONTACT 1418083 Datasheet HTML 3Page - PHOENIX CONTACT 1418083 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1418083
08/16/2016   Page 3 / 4
Network cable - NBC-MS/ 20,0-94B/MS SCO US - 1418083
Technical data
Cable
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Flame resistance
According to IEC 60332-1-2
Halogen-free
According to IEC 60754-1
Resistance to oil
according to EN 60811-2-1
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 80 °C
Ambient temperature (storage/transport)
-20 °C ... 80 °C
Drawings
Schematic diagram
Pin assignment M12 plug, 8-pos., A-coded, view plug side
Cable cross section
Ethernet, flexible, CAT5 [94B]
Circuit diagram
WH/BN
WH/BU
WH/GN
WH/OG
BN
BU
GN
OG
1
7
2
5
6
3
8
4
M12
1
7
2
5
6
3
8
4
M12
Contact assignment of the M12 plugs
Dimensional drawing
47,3
Plug, M12 x 1, straight, shielded


Similar Part No. - 1418083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418080 PHOENIX-1418080 Datasheet
377Kb / 10P
   NBC-M12MS/ 5,0-94B/M12MS US - Network cable
1418081 PHOENIX-1418081 Datasheet
377Kb / 10P
   NBC-M12MS/10,0-94B/M12MS US - Network cable
1418082 PHOENIX-1418082 Datasheet
107Kb / 4P
   Network cable - NBC-MS/ 15,0-94B/MS SCO US
More results

Similar Description - 1418083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418082 PHOENIX-1418082 Datasheet
107Kb / 4P
   Network cable - NBC-MS/ 15,0-94B/MS SCO US
1408744 PHOENIX-1408744 Datasheet
139Kb / 9P
   Network cable - NBC-MS/ 10,0-94B SCO US
09/11/2020
1407434 PHOENIX-1407434 Datasheet
180Kb / 11P
   Network cable - NBC-MS/ 1,0-94B/MS SCO
09/11/2020
1407436 PHOENIX-1407436 Datasheet
577Kb / 17P
   NBC-MS/ 5,0-94B/MS SCO - Network cable
1409864 PHOENIX-1409864 Datasheet
168Kb / 11P
   Network cable - NBC-MS/10,0-94B/R4AC SCO US
09/11/2020
1406119 PHOENIX-1406119 Datasheet
465Kb / 11P
   NBC-MS/ 2,0-94B/FS SCO US - Network cable
1407438 PHOENIX-1407438 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
1407435 PHOENIX-1407435 Datasheet
577Kb / 17P
   NBC-MS/ 2,0-94B/MS SCO - Network cable
1407406 PHOENIX-1407406 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 5,0-94B SCO
09/11/2020
1407404 PHOENIX-1407404 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 1,0-94B SCO
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com