Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10KP40A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 10KP40A
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10KP40A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  10KP40A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10KP40A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 10KP40A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Value
POWER: 10000Wa t t s
VOLTAGE RANGE: 17 - 28 0V
10KP17A(CA) - 10KP280A(CA)
265 C/10 seconds/.375", (9.5mm) lead
°
1 of 3
Case : R-6
MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified.
Features
Mechanical Data
!
!
!
!
!
!
Glass passivated junction
10000W Peak Pulse Power capability on
10/1000 |ìs waveform
Excellent clamping capability
Repetition rate (duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0 ps from
0 volts to BV
High temperature soldering guaranteed:
!
length, 5lbs., (2.3kg) tension
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
!
!
!
Mounting Position: Any
!
Weight: 0.07 ounce, 2.1 gram
Bidirectonal less than 10 ns
PPPM
Minimum
10000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
IFSM
400
Amps
J , TSTG
-55 to
+ 175
Steady State Power Dissipation at TL = 75℃
Peak Forward Surge Current,1/20 second / 25℃ (JEDEC Method)
Operating junction and Storage Temperature Range
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
T
A
A
B
C
D
R-6
Dim
Min
Max
A
25.4
B
8.6
9.1
C
1.2
1.3
All Dimensions in mm
Characteristic
Symbol
Unit
Peak Pulse Power Dissipation on 10/1000 s
µ
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES


Similar Part No. - 10KP40A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
10KP40A SEMITECH-10KP40A Datasheet
483Kb / 4P
   Low profile package
logo
Shanghai Yint Electroni...
10KP40A YINT-10KP40A Datasheet
560Kb / 4P
   Transient Voltage Suppression Diodes
logo
DONGGUAN YOU FENG WEI E...
10KP40A YFWDIODE-10KP40A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
More results

Similar Description - 10KP40A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com