Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55V040AFT-70 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC55V040AFT-70
Description  524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V040AFT-70 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC55V040AFT-70 Datasheet HTML 1Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 2Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 3Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 4Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 5Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 6Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC55V040AFT-70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC55V040AFT-55,-70
2003-08-06
3/11
DC RECOMMENDED OPERATING CONDITIONS (Ta
= −40° to 85°C)
2.3 V~3.6 V
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
2.3
3.0
3.6
V
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
0.3*
VDD × 0.22
V
VDH
Data Retention Supply Voltage
1.5
3.6
V
*:
3.0 V when measured at a pulse width of 50 ns
DC CHARACTERISTICS (Ta
= −40° to 85°C, VDD = 2.3 to 3.6 V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current
VOH = VDD 0.5 V
0.5
mA
IOL
Output Low Current
VOL = 0.4 V
2.1
mA
ILO
Output Leakage
Current
1
CE
= VIH or CE2 = VIL or R/W = VIL or OE = VIH,
VOUT = 0 V~VDD
±1.0
µA
55 ns
60
70 ns
50
lDDO1
1
CE
= VIL and CE2 = VIH and
R/W
= VIH and IOUT = 0 mA,
Other Input
= VIH/VIL
VDD =
3 V
± 10%
tcycle
1
µs
10
mA
55 ns
55
70 ns
45
lDDO2
Operating Current
1
CE
= 0.2 V and
CE2
= VDD 0.2 V and
R/W
= VDD 0.2 V, IOUT = 0 mA,
Other Input
= VDD 0.2 V/0.2 V
VDD =
3 V
± 10%
tcycle
1
µs
5
mA
IDDS1
CE
= VIH or CE2 = VIL
2
mA
Ta
= 25°C
0.6
VDD =
3 V
± 10%
Ta
= −40~85°C
6
Ta
= 25°C
0.7
VDD =
3.3 V
± 0.3 V Ta = −40~85°C
7
Ta
= 25°C
0.05
0.5
Ta
= −40~40°C
1
IDDS2
(Note)
Standby Current
1
CE
= VDD 0.2 V
or CE2
= 0.2 V
VDD = 1.5 V~3.6 V
VDD = 3.0 V
Ta
= −40~85°C
5
µA
Note:
In standby mode with
1
CE
VDD 0.2 V, these limits are assured for the condition CE2 VDD 0.2 V or CE2 0.2 V.
CAPACITANCE (Ta
= 25°C, f = 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note:
This parameter is periodically sampled and is not 100% tested.


Similar Part No. - TC55V040AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10 TOSHIBA-TC55V1001AF-10 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-10L TOSHIBA-TC55V1001AF-10L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-85 TOSHIBA-TC55V1001AF-85 Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF-85L TOSHIBA-TC55V1001AF-85L Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
More results

Similar Description - TC55V040AFT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com