Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC90A53F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC90A53F
Description  3-LINE DIGITAL Y / C SEPARATOR IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A53F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC90A53F Datasheet HTML 1Page - Toshiba Semiconductor TC90A53F Datasheet HTML 2Page - Toshiba Semiconductor TC90A53F Datasheet HTML 3Page - Toshiba Semiconductor TC90A53F Datasheet HTML 4Page - Toshiba Semiconductor TC90A53F Datasheet HTML 5Page - Toshiba Semiconductor TC90A53F Datasheet HTML 6Page - Toshiba Semiconductor TC90A53F Datasheet HTML 7Page - Toshiba Semiconductor TC90A53F Datasheet HTML 8Page - Toshiba Semiconductor TC90A53F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TC90A53N/F
2001-02-08 3/17
PIN CONNECTION
PIN FUNCTION
PIN
No.
PIN
NAME
FUNCTION
PIN
No.
PIN
NAME
FUNCTION
1
VREFL
ADC Bias
15
CBPF
L : C-BPF
= Wide Band
H : Narrow Band
2
VSS1
ADC GND
16
VENH0
3
VDD1
ADC Power Supply
17
VENH1
Sets Vertical Enhance Amount.
(VENH0, VENH1)
= (L, L) = Small
(H, L)
= Small (L, H) = Medium,
(H, H)
= Large
4
VREFH
ADC Bias
18
1LINE
L : 1-line Color ON
H : 1-line Color OFF
5
ADIN
Video Signal Input
19
CORING L : Coring ON (2LSB)
H : Coring OFF (0LSB)
6
BIAS1
ADC Bias
20
VDD3
Digital Power Supply
7
CLAMPC Clamp Circuit Filter
21
VSS3
Digital GND
8
TEST1
Test Pin
22
BIAS3
DAC Bias
9
1 / 2 VDD Line Memory Bias
23
COUT
C Output
10
VFIL
VCO Filter
24
BIAS2
DAC Bias
11
CKIN
Clock Input
25
YOUT
Y Output
12
VDD2
PLL Power Supply
26
VREF1
DAC Bias
13
VSS2
PLL GND
27
VDD4
DAC Power Supply
14
KILLER
L : Color Mode
H : Black And White Mode
28
VSS4
DAC GND
(Note) : Pins 9 and 26 need external bias.


Similar Part No. - TC90A53F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A58F TOSHIBA-TC90A58F Datasheet
349Kb / 36P
   3-Channel AD Converter
More results

Similar Description - TC90A53F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com