Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9888TS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9888TS
Description  DVB selective AGC amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9888TS Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9888TS Datasheet HTML 1Page - NXP Semiconductors TDA9888TS Datasheet HTML 2Page - NXP Semiconductors TDA9888TS Datasheet HTML 3Page - NXP Semiconductors TDA9888TS Datasheet HTML 4Page - NXP Semiconductors TDA9888TS Datasheet HTML 5Page - NXP Semiconductors TDA9888TS Datasheet HTML 6Page - NXP Semiconductors TDA9888TS Datasheet HTML 7Page - NXP Semiconductors TDA9888TS Datasheet HTML 8Page - NXP Semiconductors TDA9888TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2004 Nov 02
5
Philips Semiconductors
Product specification
DVB selective AGC amplifier
TDA9888TS; TDA9889TS
PINNING
SYMBOL
PIN
DESCRIPTION
S0
1
logic switch S0 input (frequency
select)
REF
2
4 MHz crystal or reference input
S2
3
logic switch S2 input (AGC select)
LFS
4
loop filter synthesizer PLL
LFLP
5
loop filter low-pass control PLL
AGC
6
AGC control voltage input
LIF1
7
low IF differential output 1
LIF2
8
low IF differential output 2
TADJ
9
tuner AGC TakeOver Point (TOP)
adjustment
TAGC
10
tuner AGC output
TAGCEXT
11
external tuner AGC voltage input
VP
12
supply voltage (+5 V)
S1
13
logic switch S1 input (frequency
select)
GND
14
ground supply
IF1
15
IF differential input 1
IF2
16
IF differential input 2
handbook, halfpage
TDA9888TS
TDA9889TS
MHC093
1
2
3
4
5
6
7
8
S0
REF
S2
LFS
LFLP
AGC
LIF1
LIF2
IF2
IF1
GND
S1
VP
TAGCEXT
TAGC
TADJ
16
15
14
13
12
11
10
9
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
Figure 1 shows the simplified block diagram of the device.
The integrated circuit contains the following functional
blocks:
1. Gain controlled IF amplifier
2. Tuner AGC
3. Reference generation
4. Synthesizer for downconversion
5. Downconversion and complex filtering
6. Tracking low-pass filter with reference control
7. Low IF differential output stage
8. Logic control
9. Internal voltage stabilizer.
Gain controlled IF amplifier
The IF amplifier consists of three AC-coupled differential
stages. Gain control is performed by emitter degeneration.
Total gain control range is 70 dB (typ.). The differential
input impedance is typical 2 k
Ω in parallel with 3 pF.
Tuner AGC
The tuner AGC is realized by a TakeOver Point (TOP)
network and a peak-level detector. The threshold level of
the peak detector can be adjusted by an external
potentiometer connected to pin TADJ. For IF signals
above this threshold the level detector provides a
discharge current to pin TAGC. An additional current
source is internally connected to this pin providing charge
current to the external tuner AGC capacitor. For IF signals
of 8 dB below the threshold voltage this current will be
increased by a factor of approximately 40 for faster AGC
reaction. The ratio of discharge to charge current is
normally approximately 2000 and approximately 50 for
fast mode.
For use of the device in different applications the charge
current can be switched off, for hybrid applications the
signal at pin TAGCEXT can be fed via a transmission gate
to pin TAGC (TDA9888TS; TDA9889TS combined with
analog IF), controlled by the 3-state input pin S2. With an
activated transmission gate all internal currents are off.
In the event that the tuner AGC is not needed (e.g. TAGC
from channel decoder or from an analog IF in hybrid
chassis), pin TADJ should be left open-circuit and
therefore all internal AGC currents will be switched off.


Similar Part No. - TDA9888TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Similar Description - TDA9888TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com