Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA130-S08 Datasheet(PDF) 1 Page - Vitec Power

Part # SMDA130-S08
Description  130W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA130-S08 Datasheet(HTML) 1 Page - Vitec Power

  SMDA130-S08 Datasheet HTML 1Page - Vitec Power SMDA130-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA130 SERIES
130W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Input Surge Current, Over Voltage, Over Load and Output Voltage Protection.
Class I Insulation
Active Power Factor Correction
Energy Star 2.0, CEC V, and RoHS compliance
ON/OFF Switch (Optional)
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SMDA130-S05
12 VDC
10.84 A
5%
130W
SMDA130-S08
24 VDC
5.42 A
3%
130W
Total Regulation is conditioned by below configuration
(S05: AWG16/2C/4FT output cable)
(S08: AWG18/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=230 VAC
0.95
1
Output Power Range
Vin= 90 to 264 VA C
0
130
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.32
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.66
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
50
A
Efficiency
Io=Full Load, Vin=230VAC
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC/60Hz
0.1
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SMDA130-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA130-S08 Vitec-SMDA130-S08 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
More results

Similar Description - SMDA130-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
SIDA130 Vitec-SIDA130 Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA130 Vitec-STDA130 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
SIDA130-SERIES Vitec-SIDA130-SERIES Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com