Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFA30-S03 Datasheet(PDF) 1 Page - Vitec Power

Part # SMFA30-S03
Description  30W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA30-S03 Datasheet(HTML) 1 Page - Vitec Power

  SMFA30-S03 Datasheet HTML 1Page - Vitec Power SMFA30-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMFA30 SERIES
30W Open-Frame Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Internal EMI Filter
Single Output
Size: 2"x4" x1.16"
Class I Insulation
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp
terminal.
Output connector mates with Molex housing 09-50-3061 and Molex 2478 series
crimp terminal.
Output Voltage Available from 5VDC through 36VDC
Input Surge Current, Over Load and Over Voltage Protection
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SMFA30-S02
5 VDC
6.00 A
5%
30W
SMFA30-S03
7 VDC
4.28 A
5%
30W
SMFA30-S04
9 VDC
3.33 A
5%
30W
SMFA30-S05
12 VDC
2.50 A
5%
30W
SMFA30-S06
15 VDC
2.00 A
5%
30W
SMFA30-S07
18 VDC
1.66 A
5%
30W
SMFA30-S08
24 VDC
1.25 A
5%
30W
SMFA30-S09
30 VDC
1.00 A
5%
30W
SMFA30-S10
36 VDC
0.83 A
3%
30W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
0.7
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.3
0.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
15
18
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
21
25
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
10
12
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
0.3
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SMFA30-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA30-S03 Vitec-SMFA30-S03 Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
More results

Similar Description - SMFA30-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHFA31 Vitec-SHFA31 Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SHFA31-SERIES Vitec-SHFA31-SERIES Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SMFA30 Vitec-SMFA30 Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
STFA31 Vitec-STFA31 Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
   30W Open Frame Switching Power Supplies For Medical Equipment
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com