Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFA30-S03 Datasheet(PDF) 2 Page - Vitec Power

Part # SMFA30-S03
Description  30W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA30-S03 Datasheet(HTML) 2 Page - Vitec Power

  SMFA30-S03 Datasheet HTML 1Page - Vitec Power SMFA30-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions *
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
*Recommend to be used on the metal chassis.
Mechanical and PIN out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
SMFA30-SXX
RTN
RTN
RTN
Vout
Vout
Vout
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 200g
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3061 and Molex 2478 series crimp terminal.


Similar Part No. - SMFA30-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA30-S03 Vitec-SMFA30-S03 Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
More results

Similar Description - SMFA30-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHFA31 Vitec-SHFA31 Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SHFA31-SERIES Vitec-SHFA31-SERIES Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
SMFA30 Vitec-SMFA30 Datasheet
371Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
STFA31 Vitec-STFA31 Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
   30W Open Frame Switching Power Supplies For Medical Equipment
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com