Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121ID
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121ID Datasheet(HTML) 3 Page - Texas Instruments

  THS3121ID Datasheet HTML 1Page - Texas Instruments THS3121ID Datasheet HTML 2Page - Texas Instruments THS3121ID Datasheet HTML 3Page - Texas Instruments THS3121ID Datasheet HTML 4Page - Texas Instruments THS3121ID Datasheet HTML 5Page - Texas Instruments THS3121ID Datasheet HTML 6Page - Texas Instruments THS3121ID Datasheet HTML 7Page - Texas Instruments THS3121ID Datasheet HTML 8Page - Texas Instruments THS3121ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
MIN
NOM
MAX
UNIT
Dual supply
±5
±15
Supply voltage
V
Single supply
10
30
Commercial
0
70
Operating free-air temperature, TA
°C
Industrial
-40
85
Operating junction temperature, continuous operating, TJ
-40
125
°C
Normal storage temperature, Tstg
-40
85
°C
over operating free-air temperature (unless otherwise noted)(1)
UNIT
Supply voltage, VS- to VS+
33 V
Input voltage, VI
± V
S
Differential input voltage, VID
± 4 V
Output current, IO(2)
550 mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, TJ(3)
150
°C
Maximum junction temperature, continuous operation, long term reliability, TJ(4)
125
°C
Commercial
0
°C to 70°C
Operating free-air temperature, TA
Industrial
-40
°C to 85°C
Storage temperature, Tstg
-65
°C to 125°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
ESD ratings:
HBM
1000
CDM
1500
MM
200
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS3120 and THS3121 may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD™ thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by the package constraints. Operation above this temperature
may result in reduced reliability and/or lifetime of the device.
3


Similar Part No. - THS3121ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3121ID TI1-THS3121ID Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121ID TI1-THS3121ID Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDG4 TI1-THS3121IDG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDG4 TI1-THS3121IDG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDGN TI1-THS3121IDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3121ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com