Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP4172G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP4172G
Description  Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4172G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP4172G Datasheet HTML 1Page - Toshiba Semiconductor TLP4172G Datasheet HTML 2Page - Toshiba Semiconductor TLP4172G Datasheet HTML 3Page - Toshiba Semiconductor TLP4172G Datasheet HTML 4Page - Toshiba Semiconductor TLP4172G Datasheet HTML 5Page - Toshiba Semiconductor TLP4172G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP4172G
2004-07-26
5
1
0
20
40
60
80
100
10
100
1000
3
30
300
VOFF = 350 V
IF = 5 mA
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IOFF – Ta
Ambient temperature Ta (°C)
IFC – Ta
ION – VON
On-state voltage VON (V)
Input current IF (mA)
tON, tOFF – IF
Ambient temperature Ta (°C)
tON, tOFF – Ta
10
−40
3000
100
80
60
40
20
0
−20
300
100
30
1000
tON
tOFF
VDD = 20 V, RL = 200 Ω
IF = 5 mA
1
100
Ta
= 25°C
VDD = 20 V, RL = 200 Ω
tON
tOFF
30
50
10
3
5
300
10
3000
300
100
30
1000
Ta
= 25°C
−4
−1
0
4
1
150
−150
−50
0
100
50
−100
−2
−3
2
3
ION = 90 mA
t
< 1 s
0
−40
5
100
80
60
40
20
0
−20
4
3
2
1
40
0
−20
0
20
40
80
100
60
20
30
50
−40
10
ION = 90 mA
t
< 1 s


Similar Part No. - TLP4172G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4172G TOSHIBA-TLP4172G Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results

Similar Description - TLP4172G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
   Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com