Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2400164 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2400164
Description  Touch panel - WP 07T/WT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2400164 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2400164 Datasheet HTML 1Page - PHOENIX CONTACT 2400164 Datasheet HTML 2Page - PHOENIX CONTACT 2400164 Datasheet HTML 3Page - PHOENIX CONTACT 2400164 Datasheet HTML 4Page - PHOENIX CONTACT 2400164 Datasheet HTML 5Page - PHOENIX CONTACT 2400164 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/2400164
08/29/2016   Page 5 / 6
Touch panel - WP 07T/WT - 2400164
Accessories
Mounting material - HMI SCB MOUNTING KIT 8 - 2701387
HMI mounting kit for installation on a front plate. The mounting kit includes 8 x mounting brackets, 8 x screw threads, and
a hexagonal wrench.
 
 
Mounting material - HMI WALL MOUNTING KIT - 2701380
HMI mounting kit for panel installation. The mounting kit includes 2 spring clips.
 
 
Operating stylus
Touch pen - TOUCH PEN - 2701379
Touch pen for HMIs, silver coated. Delivery includes self-adhesive pen holder.
 
 
PCB plug
Printed-circuit board connector - MSTB 2,5/ 3-STF - 1786844
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 3, Pitch: 5 mm, Connection
method: Screw connection with tension sleeve, Color: green, Contact surface: Tin
 
 
Storage medium


Similar Part No. - 2400164

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
More results

Similar Description - 2400164

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2913687 PHOENIX-2913687 Datasheet
44Kb / 2P
   Touch panel - WP 07T/701900
2913085 PHOENIX-2913085 Datasheet
56Kb / 4P
   Touch panel - TP 07T
2913645 PHOENIX-2913645 Datasheet
67Kb / 4P
   Touch panel - WP 06T
2402634 PHOENIX-2402634 Datasheet
69Kb / 6P
   Touch panel - WP 3090W
2400255 PHOENIX-2400255 Datasheet
67Kb / 6P
   Touch panel - WP 3120W
2701452 PHOENIX-2701452 Datasheet
73Kb / 7P
   Touch panel - TP 07T/M 211
2400254 PHOENIX-2400254 Datasheet
78Kb / 6P
   Touch panel - WP 3105S
2400285 PHOENIX-2400285 Datasheet
67Kb / 6P
   Touch panel - WP 3150S
2913409 PHOENIX-2913409 Datasheet
45Kb / 2P
   Touch panel - WP 04M/701902
1148687 PHOENIX-1148687 Datasheet
189Kb / 5P
   Touch panel - WP 4101-WXPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com