Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2400164 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2400164
Description  Touch panel - WP 07T/WT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2400164 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2400164 Datasheet HTML 1Page - PHOENIX CONTACT 2400164 Datasheet HTML 2Page - PHOENIX CONTACT 2400164 Datasheet HTML 3Page - PHOENIX CONTACT 2400164 Datasheet HTML 4Page - PHOENIX CONTACT 2400164 Datasheet HTML 5Page - PHOENIX CONTACT 2400164 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2400164
08/29/2016   Page 3 / 6
Touch panel - WP 07T/WT - 2400164
Technical data
Device supply
Power supply unit
24 V DC ±20 %
Standards and Regulations
Shock
DIN EN 60068-2-27
Vibration (operation)
DIN EN 60068-2-6
Classifications
eCl@ss
eCl@ss 5.1
27242302
eCl@ss 6.0
27242302
eCl@ss 8.0
27242302
eCl@ss 9.0
27330201
ETIM
ETIM 4.0
EC001412
ETIM 5.0
EC001412
Approvals
Approvals
Approvals
DNV / LR / ABS / RINA / GL / GL-SW / BV / UL Listed / cUL Listed / GL
Ex Approvals
Approval details
DNV  http://exchange.dnv.com/tari/ A-13918
LR  http://www.lr.org/en 14/20017
ABS  http://www.eagle.org/eagleExternalPortalWEB/ 14-HG1287593-PDA
RINA  http://www.rina.org/en/index.aspx ELE086614XG


Similar Part No. - 2400164

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
More results

Similar Description - 2400164

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2913687 PHOENIX-2913687 Datasheet
44Kb / 2P
   Touch panel - WP 07T/701900
2913085 PHOENIX-2913085 Datasheet
56Kb / 4P
   Touch panel - TP 07T
2913645 PHOENIX-2913645 Datasheet
67Kb / 4P
   Touch panel - WP 06T
2402634 PHOENIX-2402634 Datasheet
69Kb / 6P
   Touch panel - WP 3090W
2400255 PHOENIX-2400255 Datasheet
67Kb / 6P
   Touch panel - WP 3120W
2701452 PHOENIX-2701452 Datasheet
73Kb / 7P
   Touch panel - TP 07T/M 211
2400254 PHOENIX-2400254 Datasheet
78Kb / 6P
   Touch panel - WP 3105S
2400285 PHOENIX-2400285 Datasheet
67Kb / 6P
   Touch panel - WP 3150S
2913409 PHOENIX-2913409 Datasheet
45Kb / 2P
   Touch panel - WP 04M/701902
1148687 PHOENIX-1148687 Datasheet
189Kb / 5P
   Touch panel - WP 4101-WXPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com