Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2400457 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2400457
Description  Touch panel - TP 3120W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2400457 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2400457 Datasheet HTML 1Page - PHOENIX CONTACT 2400457 Datasheet HTML 2Page - PHOENIX CONTACT 2400457 Datasheet HTML 3Page - PHOENIX CONTACT 2400457 Datasheet HTML 4Page - PHOENIX CONTACT 2400457 Datasheet HTML 5Page - PHOENIX CONTACT 2400457 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2400457
08/29/2016   Page 1 / 6
Touch panel - TP 3120W - 2400457
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Touch panel with 30.7 cm/12.1" TFT-Display (Analog resistive (polyester)), 1280 x 800 Pixel (WXGA), 65536
colors, ARM® Cortex®-A8, 800 MHz, 2x USB Host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows® Embedded
Compact 7 and User software: Visu+ / AX OPC Server. (Bus system: without)
Why buy this product
 Easy installation, low installation depth, and compact design
 Short startup time
 Visu+ RT and AX OPC server integrated as standard in all devices
 Easy IP address allocation and active connection monitoring thanks to PROFINET IO Device according to Conformance Class B
 Display available in sizes from 14.5 cm (5.7") to 39.05 cm (15.4")
 Versatile communication options, even with third-party systems, thanks to numerous drivers and interfaces
 Energy efficient due to LED backlighting
 Acoustic warning from alarms via integrated buzzer (85 dB)
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
2,680.000 g
Custom tariff number
84714100
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
External dimension, width
330 mm
External dimension, height
225 mm
External dimension, depth
5 mm
Note regarding external dimension
Dimensions of the front plate
Installation dimension, width
322 mm
Installation dimension, height
217 mm


Similar Part No. - 2400457

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400452 PHOENIX-2400452 Datasheet
68Kb / 6P
   Touch panel - TP 3057Q
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2400455 PHOENIX-2400455 Datasheet
67Kb / 6P
   Touch panel - TP 3105S
2400456 PHOENIX-2400456 Datasheet
67Kb / 6P
   Touch panel - TP 3121S
2400458 PHOENIX-2400458 Datasheet
67Kb / 6P
   Touch panel - TP 3150S
More results

Similar Description - 2400457

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400255 PHOENIX-2400255 Datasheet
67Kb / 6P
   Touch panel - WP 3120W
2400452 PHOENIX-2400452 Datasheet
68Kb / 6P
   Touch panel - TP 3057Q
2400455 PHOENIX-2400455 Datasheet
67Kb / 6P
   Touch panel - TP 3105S
2985181 PHOENIX-2985181 Datasheet
56Kb / 4P
   Touch panel - TP 10T
2400456 PHOENIX-2400456 Datasheet
67Kb / 6P
   Touch panel - TP 3121S
2913085 PHOENIX-2913085 Datasheet
56Kb / 4P
   Touch panel - TP 07T
2985194 PHOENIX-2985194 Datasheet
56Kb / 4P
   Touch panel - TP 12T
2400458 PHOENIX-2400458 Datasheet
67Kb / 6P
   Touch panel - TP 3150S
2913658 PHOENIX-2913658 Datasheet
56Kb / 4P
   Touch panel - TP 06T
1190420 PHOENIX-1190420 Datasheet
277Kb / 9P
   Touch panel - TP 6121-WXPS
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com