Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2304ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2304ID
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2304ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2304ID Datasheet HTML 4Page - Texas Instruments TLV2304ID Datasheet HTML 5Page - Texas Instruments TLV2304ID Datasheet HTML 6Page - Texas Instruments TLV2304ID Datasheet HTML 7Page - Texas Instruments TLV2304ID Datasheet HTML 8Page - Texas Instruments TLV2304ID Datasheet HTML 9Page - Texas Instruments TLV2304ID Datasheet HTML 10Page - Texas Instruments TLV2304ID Datasheet HTML 11Page - Texas Instruments TLV2304ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AMPLIFIER AND COMPARATOR TYPICAL CHARACTERISTICS
Figure 1
–200
0
200
400
600
800
1000
1200
1400
–0.20 0.20 0.60 1.00 1.40 1.80 2.20 2.60
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT
VOLTAGE
VCC = 2.7 V
TA = 25°C
VICR – Common-Mode Input Voltage – V
2.9
–0.1
Figure 2
–400
–300
–200
–100
0
100
–0.2 0.4 1.0 1.6 2.2 2.8 3.4 4.0 4.6 5.2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT
VOLTAGE
VCC = 5 V
TA = 25 °C
VICR – Common-Mode Input Voltage – V
–0.1
Figure 3
–200
–100
0
100
200
300
400
500
600
–40 –25 –10 5
20 35 50 65 80 95 110 125
VCC = 2.7 V
VIC = 1.35 V
TA – Free-Air Temperature – °C
IIO
IIB
INPUT BIAS / OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 4
–150
–100
–50
0
50
100
150
200
250
300
350
400
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6 2.9
INPUT BIAS/OFFSET CURRENT
vs
COMMON-MODE INPUT
VOLTAGE
VICR – Common Mode Input Voltage – V
VCC = 2.7 V
TA = 25 °C
IIO
IIB
–0.1
Figure 5
–200
–100
0
100
200
300
400
500
600
–40 –25 –10 5
20 35 50 65 80 95 110 125
VCC = 5 V
VIC = 2.5 V
TA – Free-Air Temperature – °C
IIO
IIB
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 6
–150
–100
–50
0
50
100
150
200
–0.2 0.4 1.0 1.6 2.2 2.8 3.4 4.0 4.6 5.2
INPUT BIAS/OFFSET CURRENT
vs
COMMON-MODE INPUT
VOLTAGE
VICR – Common Mode Input Voltage – V
VCC = 5 V
TA = 25 °C
IIO
IIB
–200
0
200
400
600
800
1000
1200
–40
–10
20 35
65
125
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
IIB
IIO
VCC = 15 V
Figure 7
–25
5
50
80 95 110
Figure 8
2.5
0
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.5
1
1.5
2
2
4
6
8
10
12
14
16
2.25
1.75
1.25
0.75
0.25
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
Op Amp, VI = VCC/2
Comparator, VID = –1 V
Rp = 1MΩ (pullup to VCC)
Figure 9
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
0
0.5
1
1.5
2
–40 –25 –10
5
20 35 50 65 80 95 110 125
1.75
1.25
0.75
0.25
VCC = 2.7, 5, & 15 V
Op Amp
VI = VCC/2
AV = 1
Comparator
VID = –1 V
Rp = 1MΩ (pullup to VCC)


Similar Part No. - TLV2304ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2304ID TI1-TLV2304ID Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2304IDG4 TI1-TLV2304IDG4 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2304IDR TI1-TLV2304IDR Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results

Similar Description - TLV2304ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com