Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLV2620 Datasheet(HTML) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV2620
Description  FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLV2620 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 23 page
background image
www.ti.com
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
TLV2620 AND TLV2621 AVAILABLE OPTIONS(1)
PACKAGED DEVICES
VIOmax AT
TA
SOT-23
SMALL OUTLINE
25
°C
PLASTIC DIP (P)
(D)(2)
(DBV)(3)
SYMBOL
TLV2620ID
TLV2620IDBV
VBAI
TLV2620IP
-40
°C to 125°C
3500 µV
TLV2621ID
TLV2621IDBV
VBBI
TLV2621IP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2620IDR).
(3)
The SOT23 package devices are only available taped and reeled. The R Suffix denotes quantities (3,000 pieces per reel). For smaller
quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g. TLV2620IDBVT).
TLV2622 AND TLV2623 AVAILABLE OPTIONS(1)
PACKAGED DEVICES
VIOmax AT
SMALL
MSOP
PLASTIC
TA
PLASTIC
25
°C
OUTLINE(2)
DIP
DIP (N)
(DGK)(2)
SYMBOL
(DGS)(2)
SYMBOL
(D)
(P)
TLV2622ID
TLV2622IDGK
xxTIAKM
TLV2622IP
-40
°C to 125°C
3500 µV
TLV2623ID
TLV2623IDGS
xxTIALC
TLV2623IN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2622IDR).
TLV2624 AND TLV2625 AVAILABLE OPTIONS(1)
PACKAGED DEVICES
VIOmax
TA
SMALL OUTLINE
PLASTIC DIP
TSSOP
AT 25
°C
(D)(2)
(N)
(PW)
TLV2624ID
TLV2624IN
TLV2624IPW
-40
°C to 125°C
3500 µV
TLV2625ID
TLV2625IN
TLV2625IPW
(1)
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI website at www.ti.com.
(2)
This package is available taped and reeled. To order this packaging option, add an R suffix to the
part number (e.g., TLV2624IDR).
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn