Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2620 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2620
Description  FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2620 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2620 Datasheet HTML 1Page - Texas Instruments TLV2620 Datasheet HTML 2Page - Texas Instruments TLV2620 Datasheet HTML 3Page - Texas Instruments TLV2620 Datasheet HTML 4Page - Texas Instruments TLV2620 Datasheet HTML 5Page - Texas Instruments TLV2620 Datasheet HTML 6Page - Texas Instruments TLV2620 Datasheet HTML 7Page - Texas Instruments TLV2620 Datasheet HTML 8Page - Texas Instruments TLV2620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
over operating free-air temperature range (unless otherwise noted)(1)
VDD
Supply voltage (2)
6 V
VID
Differential input voltage
±V
DD
VI
Input voltage range (2)
+1 to VDD + 0.2 V
II
Input current (any input)
± 10 mA
IO
Output current
±40 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range: I-suffix
-40
°C to 125°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
θ
JC
θ
JA
TA ≤ 25°C
TA = 125°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.3
1022 mW
204.4 mW
D (16)
25.7
114.7
1090 mW
218 mW
DBV (5)
55
324.1
385 mW
77.1 mW
DBV (6)
55
294.3
425 mW
85 mW
DGK (8)
54.2
259.9
481 mW
96.1 mW
DGS (10)
54.1
259.7
485 mW
97 mW
N (14, 16)
32
78
1600 mW
320.5 mW
P (8)
41
104
1200 mW
240.4 mW
PW (14)
29.3
173.6
720 mW
144 mW
PW (16)
28.7
161.4
774 mW
154.9 mW
MIN
MAX
UNIT
Single supply
2.7
5.5
VDD
Supply voltage
V
Split supply
±1.35
±2.75
VICR
Common-mode input voltage range
1
VDD+0.2
V
TA
Operating free-air temperature
I-suffix
-40
125
°C
VIL
0.4
Shutdown on/off voltage level(1)
V
VIH
2
(1)
Relative to GND.
4


Similar Part No. - TLV2620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVR TI-TLV2620IDBVR Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVRG4 TI-TLV2620IDBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVT TI-TLV2620IDBVT Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVTG4 TI-TLV2620IDBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620_07 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
[Old version datasheet]   FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com