Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG02 Datasheet(PDF) 4 Page - XP Power Limited

Part # AG02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AG02 Datasheet(HTML) 4 Page - XP Power Limited

  AG02 Datasheet HTML 1Page - XP Power Limited AG02 Datasheet HTML 2Page - XP Power Limited AG02 Datasheet HTML 3Page - XP Power Limited AG02 Datasheet HTML 4Page - XP Power Limited AG02 Datasheet HTML 5Page - XP Power Limited AG02 Datasheet HTML 6Page - XP Power Limited AG02 Datasheet HTML 7Page - XP Power Limited AG02 Datasheet HTML 8Page - XP Power Limited AG02 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4718L02
PAGE 4
TOP VIEW
TOP VIEW
RECOMMENDED
PCB LAYOUT
BOTTOM VIEW
AG Series
AG SERIES & AGH SERIES
PIN #
FUNCTION
1
(–) INPUT
2
(+) INPUT
3
HV OUT
4
HV RTN
5
CONTROL
PARAMETER
VALUE
WEIGHT
< 0.20 OZ. (5.66 GRAMS)
VOLUME
< 0.10 CUBIC INCHES (1.639 CUBIC CENTIMETERS)
BODY DIMENSIONS
0.92L (23.37L) x 0.45W (11.43W) x 0.25H (6.35H)
BODY + WING
DIMENSIONS
0.92L (23.37L) x 0.69W (17.53W) x 0.25H (6.35H)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)
WWW.XPPOWER.COM
MECHANICAL SPECIFICATIONS (100V - 2,000V)


Similar Part No. - AG02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AG003-01 RHOPOINT-AG003-01 Datasheet
331Kb / 1P
   GMR Current Sensor Evaluation Kit
logo
Rohm
AG009DGQ3 ROHM-AG009DGQ3 Datasheet
2Mb / 14P
   Nch 40V 30A Power MOSFET
logo
Sanken electric
AG01 SANKEN-AG01 Datasheet
24Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
AG01 ETC-AG01 Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
AG01 BILIN-AG01 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - AG02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com