Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2621ID Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2621ID
Description  FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2621ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2621ID Datasheet HTML 3Page - Texas Instruments TLV2621ID Datasheet HTML 4Page - Texas Instruments TLV2621ID Datasheet HTML 5Page - Texas Instruments TLV2621ID Datasheet HTML 6Page - Texas Instruments TLV2621ID Datasheet HTML 7Page - Texas Instruments TLV2621ID Datasheet HTML 8Page - Texas Instruments TLV2621ID Datasheet HTML 9Page - Texas Instruments TLV2621ID Datasheet HTML 10Page - Texas Instruments TLV2621ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
0
10
20
30
40
50
60
70
80
90
100
110
120
VDD = 2.7 V and 5 V
TA = 25° C
f − Frequency − Hz
10
1k
1M
10k
100k
100
−100
−50
0
50
100
150
200
250
300
350
400
450
500
0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
VDD = 2.7 V
TA = 25° C
VICR − Common-Mode Input Voltage − V
−100
−50
0
50
100
150
200
250
300
350
400
450
500
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VDD = 5 V
TA = 25° C
VICR − Common-Mode Input Voltage − V
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
CMRR
Common-mode rejection ratio
vs Frequency
3
VOH
High-level output voltage
vs High-level output current
4, 6
VOL
Low-level output voltage
vs Low-level output current
5, 7
IDD
Supply current
vs Supply voltage
8
IDD
Supply current
vs Free-air temperature
9
PSRR
Power supply rejection ratio
vs Frequency
10
AVD
Differential voltage amplification & phase
vs Frequency
11
Gain-bandwidth product
vs Free-air temperature
12
vs Supply voltage
13
SR
Slew rate
vs Free-air temperature
14, 15
φ
m
Phase margin
vs Load capacitance
16
Vn
Equivalent input noise voltage
vs Frequency
17
Voltage-follower large-signal pulse response
18
Voltage-follower small-signal pulse response
19
Crosstalk
vs Frequency
20
IDD(SHDN)
Shutdown supply current
vs Free-air temperature
21
IDD(SHDN)
Shutdown supply current
vs Supply voltage
22
IDD(SHDN)
Shutdown supply current/output voltage
vs Time
23
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs
vs
vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
FREQUENCY
Figure 1.
Figure 2.
Figure 3.
7


Similar Part No. - TLV2621ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2621ID TI-TLV2621ID Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVR TI-TLV2621IDBVR Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVRG4 TI-TLV2621IDBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVT TI-TLV2621IDBVT Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2621IDBVTG4 TI-TLV2621IDBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2621ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620_07 Datasheet
1Mb / 25P
[Old version datasheet]   FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
[Old version datasheet]   FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com