Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA02 Datasheet(PDF) 3 Page - XP Power Limited

Part # CA02
Description  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA02 Datasheet(HTML) 3 Page - XP Power Limited

  CA02 Datasheet HTML 1Page - XP Power Limited CA02 Datasheet HTML 2Page - XP Power Limited CA02 Datasheet HTML 3Page - XP Power Limited CA02 Datasheet HTML 4Page - XP Power Limited CA02 Datasheet HTML 5Page - XP Power Limited CA02 Datasheet HTML 6Page - XP Power Limited CA02 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4709CA
PAGE 3
WWW.XPPOWER.COM
CA SERIES
PARAMETER
VALUE
INPUT VOLTAGE
INPUT MODELS: +11.5 TO +15.5v (STANDARD)
5V INPUT MODELS: +4.75 TO +5.25V
STANDBY POWER
<25mW*3
INPUT CAPACITANCE
440uF
PROGRAMMING VOLTAGE
12V INPUT MODELS: 0 TO +5V, <150uA
5V INPUT MODELS: 0 TO +2.048V <150uA
SET POINT ACCURACY*7
1%
GAIN ADJUST*7
1%
LINEARITY*7
<0.5% (15% TO 100% VOUT)
STABILITY
<0.005%/HR*³
VOLTAGE MONITOR*5
12V INPUT MODELS: 0 TO +5V = 0 TO 100% VOUT
5V INPUT MODELS: 0 TO +2.048V = 0 TO 100% VOUT
REFERENCE OUTPUT
12V INPUT MODELS: +5V +/- 1% , UP TO 1 mA
5V INPUT MODELS: +2.048V +/- 1% , UP TO 1 mA
TEMPCO
<25PPM/°C*³
THERMAL SHOCK LIMIT
1°C/10 SEC.
STANDARD TEMPERATURE RANGES
OPERATING: -10° TO +50°C*6 (CASE)
STORAGE: -25° TO +95°C
ELECTRICAL SPECIFICATIONS*2 CA02 - CA20 (200V to 2000V)
The CA Series of high performance, precision regulated, high voltage
power supplies offers improved performance and added features. Im-
provements in stability and ripple, along with an on board precision
reference, a voltage monitor and increased protection, enable these
modules to replace much larger, more expensive power supplies in
many applications. Each model is programmed from 0 to 100% of rat-
ed output via a DAC compatible high impedance programming input. A
voltage monitor is provided and is internally buffered to provide a low
impedance (up to 1 mA) signal to external circuitry. The precision, on
board reference can be used in conjunction with an external poten-
tiometer or voltage divider to program the high voltage output. Each
unit has an accessible potentiometer allowing for individual calibration
after installation. A quasi-sinewave oscillator, internal transformer shield-
ing, and an isolated steel case reduce EMI/RFI radiation to extremely low
levels. Suitable for photomultiplier tubes, avalanche photodiodes, preci-
sion EO lenses, piezo devices and other applications requiring precision,
low noise, high voltage in a miniature, pc or chassis mount, cost effective
package. A proprietary encapsulation process and custom 94V-0 listed,
high performance formula are used to achieve excellent high voltage and
thermal properties.
Also available with the CA Series are the CM Series adapter kits. For
more details, refer to pages 7 and 8.
DETAILED PRODUCT DESCRIPTION
APPLICATION NOTES
Sequencing
As is the case for all active electronics, the user should apply power
prior to control inputs. For the CA Series, it is recommended to wait
at least 100msec after input power is applied before sending a voltage
programming command.
Dynamic Response
In cases where the output voltage rises above the voltage programming
command then settles. To mitigate this effect, ramp the voltage program-
ming input at a slower rate until satisfactory results are achieved.


Similar Part No. - CA02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
C&K Components
CA021207DQ CK-COMPONENTS-CA021207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
CA022207DQ CK-COMPONENTS-CA022207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
logo
Intersil Corporation
CA0224E INTERSIL-CA0224E Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA0224M INTERSIL-CA0224M Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
More results

Similar Description - CA02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com