Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40 Datasheet(PDF) 10 Page - XP Power Limited

Part # A40
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

A40 Datasheet(HTML) 10 Page - XP Power Limited

Back Button A40 Datasheet HTML 2Page - XP Power Limited A40 Datasheet HTML 3Page - XP Power Limited A40 Datasheet HTML 4Page - XP Power Limited A40 Datasheet HTML 5Page - XP Power Limited A40 Datasheet HTML 6Page - XP Power Limited A40 Datasheet HTML 7Page - XP Power Limited A40 Datasheet HTML 8Page - XP Power Limited A40 Datasheet HTML 9Page - XP Power Limited A40 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4389U04
PAGE 10
WWW.XPPOWER.COM
HOW TO ORDER
A - Model
20 - Output Voltage/100 (See table)
N - Polarity Designator
EXAMPLE:
A20N-12T (A - Model, 20 - Output Voltage, N - Negative, 12 - Input Voltage,
T - Extended Operating Temperature)
PART NUMBER SELECTOR:
Model Number:
A 20 N - 12 T
T - Extended Operating Temperature
12 - Input Voltage
ORDERING INFORMATION
ORDER CODE
OUTPUT VOLTAGE
1 WATT
A
1.5 WATT
AH
POLARITY DESIGNATOR
POSITIVE OUTPUT
P
NEGATIVE OUTPUT
N
INPUT VOLTAGE
5 VDC
5
12 VDC
12
24 VDC
24
STANDARD TEMPERATURE RANGES
OPERATING: -25 TO +75°C*6 (CASE)
BLANK
STORAGE: -55 TO +105°C
BLANK
EXTENDED TEMPERATURE RANGES
OPERATING: -55 TO +85°C*6 (CASE) [A Models / 1.0W]
T
STORAGE: -55 TO +105°C
T
*Note:
1. At maximum rated output voltage
2. Output Voltage is load dependent. Under light or no-load conditions, reduce the Input Voltage so maximum rated Output Voltage is not exceeded.
3. Specifications after 30 minute warm-up, full-load, at 25ºC, unless otherwise noted.
4. Ripple may be reduced substantially by the addition of an external RC filter.
5. Volume will vary depending on package size.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
A SERIES
OPTION CODES
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.


Similar Part No. - A40

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A40-LC-TR ASSMANN-A40-LC-TR Datasheet
97Kb / 1P
   ASS 6449 CO
A40-LC-TT ASSMANN-A40-LC-TT Datasheet
211Kb / 1P
   ASS 0810 CO
A40-LCG-T-R ASSMANN-A40-LCG-T-R Datasheet
296Kb / 1P
   Low Cost IC Socket, Gold Version
logo
Littelfuse
A400 LITTELFUSE-A400 Datasheet
129Kb / 2P
   GAS DISCHARGE TUBE - 5x7.6mm
logo
Kingston Technology Far...
A400 KINGSTON-A400 Datasheet
199Kb / 2P
   Incredible speeds plus rock-solid reliability
More results

Similar Description - A40

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com