Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2080 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2080
Description  POWER DISTRIBUTION SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2080 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2080 Datasheet HTML 7Page - Texas Instruments TPS2080 Datasheet HTML 8Page - Texas Instruments TPS2080 Datasheet HTML 9Page - Texas Instruments TPS2080 Datasheet HTML 10Page - Texas Instruments TPS2080 Datasheet HTML 11Page - Texas Instruments TPS2080 Datasheet HTML 12Page - Texas Instruments TPS2080 Datasheet HTML 13Page - Texas Instruments TPS2080 Datasheet HTML 14Page - Texas Instruments TPS2080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPS2080, TPS2081, TPS2082 DUAL,
TPS2085, TPS2086, TPS2087 QUAD
POWERDISTRIBUTION SWITCHES
SLVS202A − SEPTEMBER 2000 − REVISED MARCH 2001
11
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 12
2.9
2.6
2.3
2
2.5
3
3.5
4
4.5
3.2
TURNON DELAY TIME
vs
INPUT VOLTAGE
3.5
5
5.5
6
VI − Input Voltage − V
CL = 1 µF
RL = 10 Ω
TA = 25°C
Figure 13
4
6
8
10
12
2.5
3
3.5
4
4.5
5
5.5
6
TURNOFF DELAY TIME
vs
INPUT VOLTAGE
VI − Input Voltage − V
CL = 1 µF
RL = 10 Ω
TA = 25°C
Figure 14
1.8
2.1
2.4
2.7
3
2.5
3
3.5
4
4.5
5
5.5
6
RISE TIME
vs
INPUT VOLTAGE
CL = 1 µF
RL = 10 Ω
TA = 25°C
VI − Input Voltage − V
Figure 15
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.5
3
3.5
4
4.5
5
5.5
6
FALL TIME
vs
INPUT VOLTAGE
CL = 1 µF
RL = 10 Ω
TA = 25°C
VI − Input Voltage − V


Similar Part No. - TPS2080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2080 TI-TPS2080 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2080D TI1-TPS2080D Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2080DG4 TI1-TPS2080DG4 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2080DR TI1-TPS2080DR Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2080DRG4 TI1-TPS2080DRG4 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com