Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPM15-120-Q48 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # BPM15-120-Q48
Description  Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BPM15-120-Q48 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  BPM15-120-Q48 Datasheet HTML 1Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 2Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 3Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 4Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 5Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 6Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 7Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 8Page - Murata Power Solutions Inc. BPM15-120-Q48 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
BPM15 Series
Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
MDC_BPM15.A02 Page 3 of 29
www.murata-ps.com/support
FUNCTIONAL SPECIFICATIONS, BPM15-050-Q12
ABSOLUTE MAXIMUM RATINGS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
0
36
Vdc
Input Voltage, Transient
100 mS max. duration
50
Vdc
Isolation Voltage
Input to output
1600
Vdc
On/Off Remote Control
Power on, referred to -Vin
0
15
Vdc
Output Power
1.48
15.15
W
Output Current
Current-limited, no damage, short-circuit
protected
0.15
1.5
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
˚C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other
than those listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Operating Voltage Range
9
24
36
Vdc
Recommended External Fuse
Fast blow
4
A
Start-up Threshold
Rising input voltage
8
8.5
9
Vdc
Undervoltage Shutdown (50% load)
Falling input voltage
7.7
8.2
8.7
Vdc
Internal Filter Type
C
Input Current
Full Load Input Current
Vin = nominal
0.74
0.77
A
Low Line Input Current
Vin = minimum
2.03
2.09
A
Inrush Transient
0.05
A2-Sec.
Short Circuit Input Current
0.05
0.1
A
Minimum Load Input Current
Iout = minimum, unit = ON
90
150
mA
Shut-Down Input Current (Off, UV, OT)
12
mA
Reflected (Back) Ripple Current
Measured at input with specified filter
25
mA, p-p
GENERAL and SAFETY
Efficiency
Vin = 24V, full load
82.5
84
%
Vin = min., full load
80.5
82
%
Isolation
Isolation Voltage
Input to output
1600
Vdc
Isolation Resistance
10
Isolation Capacitance
1000
pF
Safety
Certified to UL-60950-1, CSA-C22.2 No.
60950-1, IEC/60950-1, 2nd edition, with AM1
Approved
Calculated MTBF
Per Telcordia SR332, issue 1, class 3, ground
fixed, Tambient = +25°C
5.8
Hours x 106
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
330
360
390
KHz
Startup Time
Power on to Vout regulated
50
mS
Startup Time
Remote ON to Vout regulated
50
mS
Dynamic Load Response
50-75-50% load step, settling time to within
1% of Vout
250
300
μSec
Dynamic Load Peak Deviation
same as above
±100
±150
mV
FEATURES and OPTIONS
Remote On/Off Control
“N” suffix
Negative Logic, ON state
ON = Ground pin
-0.7
0.8
V
Negative Logic, OFF state
OFF = Pin open
10
15
V
Control Current
Open collector/drain
1
mA
“P” suffix
Positive Logic, ON state
ON = Pin open
10
15
V
Positive Logic, OFF state
OFF = Ground pin
-0.7
0.8
V
Control Current
Open collector/drain
1
mA


Similar Part No. - BPM15-120-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BPM15-120-Q48 MURATA-PS-BPM15-120-Q48 Datasheet
1Mb / 30P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
2021
More results

Similar Description - BPM15-120-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com