Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2375D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2375D
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2375D Datasheet(HTML) 4 Page - Texas Instruments

  TPS2375D Datasheet HTML 1Page - Texas Instruments TPS2375D Datasheet HTML 2Page - Texas Instruments TPS2375D Datasheet HTML 3Page - Texas Instruments TPS2375D Datasheet HTML 4Page - Texas Instruments TPS2375D Datasheet HTML 5Page - Texas Instruments TPS2375D Datasheet HTML 6Page - Texas Instruments TPS2375D Datasheet HTML 7Page - Texas Instruments TPS2375D Datasheet HTML 8Page - Texas Instruments TPS2375D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
TPS2375
TPS2376
TPS2377
SLVS525A – APRIL 2004 – REVISED SEPTEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
V
(VDD) = 48 V, R(DET) = 24.9 kΩ, R(CLASS) = 255 Ω, R(ILIM) = 178 kΩ, and –40°C ≤ TJ≤ 125°C, unless otherwise noted. Positive
currents are into pins. V
(UVLO) = 0 V for classification and V(UVLO) = 5 V otherwise for the TPS2376. Typical values are at 25°C.
All voltages are with respect to VSS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PG
Latchoff voltage threshold rising (4)
V(RTN) rising
9.5
10.0
10.5
V
PG deglitch(5)
Delay rising and falling PG
75
150
225
µs
I(PG) = 2 mA, V(RTN) = 34 V,
0.12
0.4
V
V(VDD) = 38 V, V(RTN) falling
Output low voltage
I(PG) = 2 mA, V(RTN) = 0 V, V(VDD) = 25 V, for
0.12
0.4
V
TPS2376 V(UVLO) = 0 V
Leakage current
V(PG) = 57 V, V(RTN) = 0 V
0.1
1
µA
UVLO
V(UVLO_R)
V(VDD) rising
38.4
39.3
40.4
V(UVLO_F)
TPS2375 Voltage at VDD
V(VDD) falling
29.6
30.5
31.5
V
Hysteresis(5)
8.3
8.8
9.1
V(VDD) rising
2.43
2.49
2.57
TPS2376 Voltage at UVLO
V(VDD) falling
1.87
1.93
1.98
V
Hysteresis(5)
0.53
0.56
0.58
V(VDD) rising
34.1
35.1
36.0
TPS2377 Voltage at VDD
V(VDD) falling
29.7
30.5
31.4
V
Hysteresis(5)
4.3
4.5
4.8
TPS2376 Input leakage, UVLO
V(UVLO) = 0 V to 5 V
-1
1
µA
THERMAL SHUTDOWN
Shutdown temperature(5)
Temperature rising
135
°C
Hysteresis(5)
20
°C
BIAS CURRENT
Operating current
I(VDD)
240
450
µA
(4)
Start with V(RTN) = 0 V, then increase V(RTN) until I(RTN) ceases.
(5)
Not tested inproduction.
4


Similar Part No. - TPS2375D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375D TI-TPS2375D Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DG4 TI-TPS2375DG4 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DRG4 TI-TPS2375DRG4 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results

Similar Description - TPS2375D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com