Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5120EVM-151 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5120EVM-151
Description  DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5120EVM-151 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5120EVM-151 Datasheet HTML 3Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 4Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 5Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 6Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 7Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 8Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 9Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 10Page - Texas Instruments TPS5120EVM-151 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Logic Chart
5V_STBY
STBY1
STBY2
SMPS1
SMPS2
5 V REGULATOR
POWERGOOD
L
L
L
Disable
Disable
Disable
Disable
L
L
H
Disable
Enable
Enable
Active†
L
H
L
Enable
Disable
Enable
Active†
L
H
H
Enable
Enable
Enable
Active
H
L
L
Disable
Disable
Enable
L
H
L
H
Disable
Enable
Enable
Active†
H
H
L
Enable
Disable
Enable
Active†
H
H
H
Enable
Enable
Enable
Active
† PG is set high during a softstart.
POWERGOOD timing sequence
POWERGOOD
STBY1
STBY2
INV1
INV2
H
L
H
L
H
L
0.91 V
0.85 V
0.78 V
0 V
0.91 V
0.85 V
0.78 V
0 V
TSS
During a softstart, this channel’s powergood comparator output is fixed low (POWERGOOD output is high).


Similar Part No. - TPS5120EVM-151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI1-TPS51200 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Similar Description - TPS5120EVM-151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com