Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3USB3S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD3USB3S
Description  ESD protection for differential data lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3USB3S Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD3USB3S Datasheet HTML 1Page - NXP Semiconductors PESD3USB3S Datasheet HTML 2Page - NXP Semiconductors PESD3USB3S Datasheet HTML 3Page - NXP Semiconductors PESD3USB3S Datasheet HTML 4Page - NXP Semiconductors PESD3USB3S Datasheet HTML 5Page - NXP Semiconductors PESD3USB3S Datasheet HTML 6Page - NXP Semiconductors PESD3USB3S Datasheet HTML 7Page - NXP Semiconductors PESD3USB3S Datasheet HTML 8Page - NXP Semiconductors PESD3USB3S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 26 April 2016
4 of 19
NXP Semiconductors
PESDxUSB3S series
ESD protection for differential data lines
6.
Characteristics
6.1 Channel characteristics
[1]
This parameter is guaranteed by design.
[2]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 70 to 90 ns.
[3]
According to IEC 61000-4-5 (8/20
s).
6.2 Frequency characteristics
[1]
Normalized to attenuation at 1 MHz.
Table 6.
Channel characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Cd
diode capacitance
f = 1 MHz; VI = 2.5 V
[1] -0.45
-pF
IRM
reverse leakage current
per line; VI = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 1 mA
69-
V
VF
forward voltage
IF =10mA
-
0.8
-
V
Rdyn
dynamic resistance
TLP
[2]
positive transient
-
0.16
-
negative transient
-
0.16
-
surge
[3]
positive transient
-
0.25
-
negative transient
-
0.25
-
Table 7.
Frequency characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Differential mode: S21dd
f3dB
cut-off frequency
[1] -17
-GHz


Similar Part No. - PESD3USB3S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3USB3S NXP-PESD3USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3S NXP-PESD3USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESD3USB3S NEXPERIA-PESD3USB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
PESD3USB3S NEXPERIA-PESD3USB3S Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
logo
NXP Semiconductors
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results

Similar Description - PESD3USB3S

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
   ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
   ESD protection for differential data lines
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
   ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
logo
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com