Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV816 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV816
Description  High Voltage, Dimmable EL Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV816 Datasheet(HTML) 6 Page - Supertex, Inc

  HV816_12 Datasheet HTML 1Page - Supertex, Inc HV816_12 Datasheet HTML 2Page - Supertex, Inc HV816_12 Datasheet HTML 3Page - Supertex, Inc HV816_12 Datasheet HTML 4Page - Supertex, Inc HV816_12 Datasheet HTML 5Page - Supertex, Inc HV816_12 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2012 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
6
HV816
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV816
B032012
16-Lead QFN Package Outline (K6)
4.00x4.00mm body, 1.00mm height (max), 0.65mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.25
3.85*
2.50
3.85*
2.50
0.65
BSC
0.30
0.00
0O
NOM
0.90
0.02
0.30
4.00
2.65
4.00
2.65
0.40
-
-
MAX
1.00
0.05
0.35
4.15*
2.80
4.15*
2.80
0.50
0.15
14O
JEDEC Registration MO-220, Variation VGGC-2, Issue K, June 2006.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-16QFNK64X4P065, Version C041009.
Seating
Plane
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
1
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
Note 1
(Index Area
D/2 x E/2)
16
1
16
θ
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.


Similar Part No. - HV816_12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
   High Side Current Monitor
More results

Similar Description - HV816_12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
   Low Noise, Dimmable EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com