Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62051 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62051
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62051 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62051 Datasheet HTML 1Page - Texas Instruments TPS62051 Datasheet HTML 2Page - Texas Instruments TPS62051 Datasheet HTML 3Page - Texas Instruments TPS62051 Datasheet HTML 4Page - Texas Instruments TPS62051 Datasheet HTML 5Page - Texas Instruments TPS62051 Datasheet HTML 6Page - Texas Instruments TPS62051 Datasheet HTML 7Page - Texas Instruments TPS62051 Datasheet HTML 8Page - Texas Instruments TPS62051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can
range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGED DEVICES
OUTPUT VOLTAGE
LBI/LBO FUNCTIONALITY
PACKAGE MARKING
PLASTIC MSOP (1) (DGS)
TPS62050DGS
Adjustable 0.7 V to 6 V
Standard
BFM
TPS62051DGS
Adjustable 0.7 V to 6 V
Enhanced
BGB
TPS62052DGS
1.5 V
Standard
BGC
TPS62054DGS
1.8 V
Standard
BGE
TPS62056DGS
3.3 V
Standard
BGG
(1)
The DGS packages are available taped and reeled. Add an R suffix to the device type (i.e., TPS62050DGSR) to order quantities of
2500 devices per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted (1)
TPS6205x
Supply voltage, VI
-0.3 V to 11 V
Voltage at EN, SYNC
-0.3 V to VI
Voltage at LBI, FB, LBO, PG
-0.3 V to 7 V
Voltage at SW
-0.3 V to 11 V (2)
Output current, IO
850 mA
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
-40
°C to 85°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The voltage at the SW pin is sampled in PFM mode 15 µs after the PMOS has switched off. During this time the voltage at SW is
limited to 7 V maximum. Therefore, the output voltage of the converter is limited to 7 V maximum.
PACKAGE DISSIPATION RATING
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
TA ≤ 25°C
POWER RATING
POWER RATING
10-PIN MSOP (1)
555 mW
5.56 mW/
°C
305 mW
221 mW
(1)
The thermal resistance junction to ambient soldered onto a PCB of the 10-pin MSOP is 180
°C/W.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VI
2.7
10
V
Voltage at PG, LBO
6
V
Maximum output current
800 (1)
mA
Operating junction temperature
-40
125
°C
(1)
Assuming no thermal limitation
2


Similar Part No. - TPS62051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62051 TI1-TPS62051 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62051DGS TI1-TPS62051DGS Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62051DGS TI1-TPS62051DGS Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62051DGSG4 TI1-TPS62051DGSG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62051DGSG4 TI1-TPS62051DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com