Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-54 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # SPC-54
Description  240W PoE Regulated Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SPC-54 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button SPC-54 Datasheet HTML 5Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 6Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 7Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 8Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 9Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 10Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 11Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 12Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 13Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Inches (mm)
www.murata-ps.com/support
SPC-54/4.4-L12PG-C
240W PoE+ Regulated Converter
MDC_SPC-54/4.4-L12PG-C.A03 Page 9 of 13
SHIPPING TRAYS AND BOXES
Solutions
PS
SENSITIVEDEVICES
ELECTROST
ATIC
OBSERV
E PRECA
UTIONS
FOR
HANDING
ATTENTION
Mura
ta P
ower
Solutions
10.94
(278)
10.16
(258)
Two boxes per carton, each containing 4 trays with 10 pcs per tray
MOQ = 80 pcs
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚


Similar Part No. - SPC-54

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPC-54-4.4-L12PG-C MURATA-PS-SPC-54-4.4-L12PG-C Datasheet
1Mb / 14P
   240W PoE Regulated Converter
2023
SPC-54/4.4-L12PG-C MURATA-PS-SPC-54/4.4-L12PG-C Datasheet
1Mb / 14P
   240W PoE Regulated Converter
2023
More results

Similar Description - SPC-54

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Level One
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
logo
Monolithic Power System...
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
GAPTEC Electronic GmbH ...
240ACDR GAPTEC-240ACDR Datasheet
2Mb / 5P
   240W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
Monolithic Power System...
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
   PoE Media Converter, 60W PoE Output
7/21
logo
Level One
FGP-2410 LVL1-FGP-2410_16 Datasheet
869Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 240W
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com