Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R71E104KA01 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # GRM219R71E104KA01
Description  240W PoE Regulated Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

GRM219R71E104KA01 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

Back Button GRM219R71E104KA01 Datasheet HTML 2Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 3Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 4Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 5Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 6Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 7Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 8Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 9Page - Murata Power Solutions Inc. GRM219R71E104KA01 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PERFORMANCE DATA AND OSCILLOGRAMS
Output Ripple & Noise, Vin = 12V, Iout = 0A, Ta = 25°C, Cload = 100μf, BW = 20Mhz
Output Ripple & Noise, Vin = 12V, Iout = 4.44A, Ta = 25°C, Cload = 100μf, BW = 20Mhz
www.murata-ps.com/support
SPC-54/4.4-L12PG-C
240W PoE+ Regulated Converter
MDC_SPC-54/4.4-L12PG-C.A03 Page 6 of 13


Similar Part No. - GRM219R71E104KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R71E104KA01 MURATA-GRM219R71E104KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM219R71E104KA01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Level One
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
logo
Monolithic Power System...
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
GAPTEC Electronic GmbH ...
240ACDR GAPTEC-240ACDR Datasheet
2Mb / 5P
   240W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
Monolithic Power System...
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
   PoE Media Converter, 60W PoE Output
7/21
logo
Level One
FGP-2410 LVL1-FGP-2410_16 Datasheet
869Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 240W
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com