Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4106 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT4106
Description  6 W Quad Channel DC/DC LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4106 Datasheet HTML 1Page - ON Semiconductor CAT4106 Datasheet HTML 2Page - ON Semiconductor CAT4106 Datasheet HTML 3Page - ON Semiconductor CAT4106 Datasheet HTML 4Page - ON Semiconductor CAT4106 Datasheet HTML 5Page - ON Semiconductor CAT4106 Datasheet HTML 6Page - ON Semiconductor CAT4106 Datasheet HTML 7Page - ON Semiconductor CAT4106 Datasheet HTML 8Page - ON Semiconductor CAT4106 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT4106
http://onsemi.com
4
TYPICAL ELECTRICAL OPERATING CHARACTERISTICS
(VIN = 5 V, VL = 12 V, TAMB = 25°C, typical application circuit unless otherwise specified.)
Figure 3. Quiescent Current vs. RSET Current
Figure 4. RSET Voltage vs. VIN Supply
RSET CURRENT (mA)
VIN SUPPLY (V)
2.0
1.5
1.0
0.5
0
0
2
4
6
8
5.5
5.0
4.5
4.0
3.5
3.0
1.10
1.15
1.20
1.25
1.30
Figure 5. RSET Voltage vs. Temperature
Figure 6. ILED/IRSET Gain vs. LED Current
TEMPERATURE (
°C)
LED CURRENT (mA)
150
100
50
0
−50
1.10
1.15
1.20
1.25
1.30
180
140
100
60
20
60
80
100
120
140
Figure 7. LED Channel Current vs. LED Pin
Voltage
Figure 8. LED Channel Current vs. VIN Supply
LED PIN VOLTAGE (V)
VIN SUPPLY (V)
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
150
175
200
5.5
5.0
4.5
4.0
3.5
3.0
0
25
50
75
100
150
175
200
switching
not switching
125
125


Similar Part No. - CAT4106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106YP-T2 ONSEMI-CAT4106YP-T2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
More results

Similar Description - CAT4106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
HY-LINE Power Component...
P6A123R3S HY-LINE-P6A123R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6A-Series
Rev: 20180727 f
P6E123R3CS HY-LINE-P6E123R3CS Datasheet
581Kb / 5P
   6 W DC-DC Converter P6ExxxxCx-Series
Rev: 20211027 f
P6F243R3S HY-LINE-P6F243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6L243R3CS HY-LINE-P6L243R3CS Datasheet
617Kb / 5P
   6 W DC-DC Converter P6L24xxCx-Series
Rev: 20211027 f
P6P243R3S HY-LINE-P6P243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6E053R3SC HY-LINE-P6E053R3SC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com