Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4109 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT4109
Description  3-Channel Constant-Current RGB LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4109 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT4109_15 Datasheet HTML 2Page - ON Semiconductor CAT4109_15 Datasheet HTML 3Page - ON Semiconductor CAT4109_15 Datasheet HTML 4Page - ON Semiconductor CAT4109_15 Datasheet HTML 5Page - ON Semiconductor CAT4109_15 Datasheet HTML 6Page - ON Semiconductor CAT4109_15 Datasheet HTML 7Page - ON Semiconductor CAT4109_15 Datasheet HTML 8Page - ON Semiconductor CAT4109_15 Datasheet HTML 9Page - ON Semiconductor CAT4109_15 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT4109, CAV4109
www.onsemi.com
9
Application Information
Power Dissipation
The power dissipation (PD) of the CAT4109/CAV4109
can be calculated as follows:
PD + VDD IDD ) S VLEDN ILEDN
where VLEDN is the voltage at the LED pin, and ILEDN is the
associated LED current. Combinations of high VLED
voltage or high ambient temperature can cause the
CAT4109/CAV4109 to enter thermal shutdown. In
applications where VLEDN is high, a resistor can be inserted
in series with the LED string to lower PD.
Thermal dissipation of the junction heat consists
primarily of two paths in series. The first path is the junction
to the case (
qJC) thermal resistance which is defined by the
package style, and the second path is the case to ambient
(
qCA) thermal resistance, which is dependent on board
layout. The overall junction to ambient (
qJA) thermal
resistance is equal to:
qJA + qJC ) qCA
For a given package style and board layout, the operating
junction temperature TJ is a function of the power
dissipation PD, and the ambient temperature, resulting in the
following equation:
TJ + TAMB ) PD (qJC ) qCA) + TAMB ) PD qJA
When mounted on a double−sided printed circuit board
with two square inches of copper allocated for “heat
spreading”, the resulting
qJA is about 74°C/W.
For example, at 60
°C ambient temperature, the maximum
power dissipation is calculated as follow:
PDmax +
(TJmax * TAMB)
qJA
+
(150 * 60)
74
+ 1.2 W
Recommended Layout
Bypass capacitor C1 should be placed as close to the IC as
possible. RSET resistors should be directly connected to the
GND pin of the device. For better thermal dissipation,
multiple via can be used to connect the GND pad to a large
ground plane. It is also recommended to use large pads and
traces on the PCB wherever possible to spread out the heat.
The LEDs for this layout are driven from a separate supply
(VLED+), but they can also be driven from the same supply
connected to VDD.
Figure 15. Recommended Layout


Similar Part No. - CAT4109_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
More results

Similar Description - CAT4109_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
CAT4109 ONSEMI-CAT4109 Datasheet
163Kb / 12P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
March, 2010 ??Rev. 2
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com