Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3341YDR14G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3341YDR14G
Description  Alternator Voltage Regulator Darlington Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3341YDR14G Datasheet(HTML) 3 Page - ON Semiconductor

  CS3341YDR14G Datasheet HTML 1Page - ON Semiconductor CS3341YDR14G Datasheet HTML 2Page - ON Semiconductor CS3341YDR14G Datasheet HTML 3Page - ON Semiconductor CS3341YDR14G Datasheet HTML 4Page - ON Semiconductor CS3341YDR14G Datasheet HTML 5Page - ON Semiconductor CS3341YDR14G Datasheet HTML 6Page - ON Semiconductor CS3341YDR14G Datasheet HTML 7Page - ON Semiconductor CS3341YDR14G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 125°C, −40°C < TJ < 150°C, 9.0 V ≤ VCC ≤ 17 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply
Supply Current Enabled
12
25
mA
Supply Current Disabled
50
mA
Driver Stage
Output High Current
VDD = 1.2 V
−10
−6.0
−4.0
mA
Output Low Voltage
IOL = 25 mA
0.35
V
Minimum ON Time
200
ms
Minimum Duty Cycle
6.0
10
%
Short Circuit Duty Cycle
1.0
5.0
%
Field Switch Turn On
Rise Time
30
90
ms
Field Switch Turn On
Fall Time
30
90
ms
Stator
Input High Voltage
10
V
Input Low Voltage
6.0
V
Stator Time Out
High to Low
6.0
100
600
ms
Stator Power−Up Input High
CS3351 only
10
V
Stator Power−Up Input Low
CS3351 only
6.0
V
Lamp
Output High Current
VLAMP @ 3.0 V
50
mA
Output Low Voltage
ILAMP @ 30 mA
0.35
V
Ignition
Input High Voltage
ICC > 1.0 mA
1.8
V
Input Low Voltage
ICC < 100 mA
0.5
V
Oscillator
Oscillator Frequency
COSC = 0.22 mF
65
325
Hz
Rise Time/Fall Time
COSC = 0.22 mF
17
Oscillator High Threshold
COSC = 0.22 mF
6.0
V
Battery Sense
Input Current
−10
+10
mA
Regulation Voltage
@25
°C, R1 = 100 kW, R2 = 50 kW
13.5
16
V
Proportional Control
0.050
0.400
V
High Voltage Threshold Ratio
VHigh Voltage @ LampOn
VRegulation @ 50%Duty Cycle
1.083
1.190
High Voltage Hysteresis
0.020
0.600
V


Similar Part No. - CS3341YDR14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341YDR14G ONSEMI-CS3341YDR14G Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS3341YDR14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com