Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1948MC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1948MC
Description  Motor Driver, Forward/Reverse Low Saturation Voltage Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1948MC Datasheet(HTML) 1 Page - ON Semiconductor

  LB1948MC Datasheet HTML 1Page - ON Semiconductor LB1948MC Datasheet HTML 2Page - ON Semiconductor LB1948MC Datasheet HTML 3Page - ON Semiconductor LB1948MC Datasheet HTML 4Page - ON Semiconductor LB1948MC Datasheet HTML 5Page - ON Semiconductor LB1948MC Datasheet HTML 6Page - ON Semiconductor LB1948MC Datasheet HTML 7Page - ON Semiconductor LB1948MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
August 2016- Rev. 1
LB1948MC/D
LB1948MC
Overview
The LB1948MC is a two-channel low saturation voltage forward/reverse motor
driver IC. It is optimal for motor drive in 12V system products and can drive
either two DC motors, one DC motor using parallel connection, or a two-phase
bipolar stepping motor with 1-2 phase excitation mode drive.
Features
Supports 12V power supply systems
Low saturation voltage: VO(sat) = 0.5V (typical) at IO = 400mA
Zero current drawn in standby mode
Braking function
Supports parallel connection: IO max = 1.6A, VO(sat) = 0.6V (typical) at
IO = 800mA
Built-in spark killer diode
Built-in thermal shutdown circuit
Miniature package: MFP10SK (6.4mm
 5.0mm)
Typical Applications
Refrigerator
Thermal printers
POS terminal
Hot-water supplies
Time Recorder
www.onsemi.com
ORDERING INFORMATION
Ordering Code:
LB1948MC-AH (MSL3)
LB1948MC-BH (MSL1)
Package
MFP10SK
(Pb-Free / Halogen Free)
Shipping (Qty / packing)
1000 / Tape & Reel
Motor Driver, Forward/Reverse,
Low Saturation Voltage Drive, 12V
MFP10SK (225mil)
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our Tape and Reel
Packaging Specifications Brochure, BRD8011/D.
http://www.onsemi.com/pub_link/Collateral/BRD8011-D.PDF
XXXXXXXX
YMDDD
XXXX = Specific Device Code
Y
= Year
M
= Month
DDD = Additional Traceability Data
GENERIC
MARKING DIAGRAM*


Similar Part No. - LB1948MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
More results

Similar Description - LB1948MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com